Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZMM3.9 Datasheet(PDF) 4 Page - Jinan Jingheng (Group) Co.,Ltd

Part No. ZMM3.9
Description  0.5W SILICON PLANAR ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Homepage  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

ZMM3.9 Datasheet(HTML) 4 Page - Jinan Jingheng (Group) Co.,Ltd

  ZMM3.9 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd ZMM3.9 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd ZMM3.9 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd ZMM3.9 Datasheet HTML 4Page - Jinan Jingheng (Group) Co.,Ltd ZMM3.9 Datasheet HTML 5Page - Jinan Jingheng (Group) Co.,Ltd ZMM3.9 Datasheet HTML 6Page - Jinan Jingheng (Group) Co.,Ltd ZMM3.9 Datasheet HTML 7Page - Jinan Jingheng (Group) Co.,Ltd ZMM3.9 Datasheet HTML 8Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZMM1...ZMM200 SILICON PLANAR ZENER DIODES
0
01020
30
40
50
60
70
80
90
100 V
2
4
6
8
mA
10
ZMM...
IZ
VZ
T =25 C
J
ZMM39
ZMM43
ZMM47
ZMM51
Test current IZ
5mA
BREAKDOWN CHARACTERISTICS AT T = CONSTANT (PULSED)
J
Forward Characteristics
Admissible power dissipation
versus ambient temperature
0
10
0
0
100
0,2
0,4
0,6
0,8
1V
200 C
100
200
300
400
500
ZMM..
mW..
mA
ZMM..
Ptot
IF
Tamb
VF
T =100 C
J
T =25 C
J
valid provided that electrodes are kept at ambient temperature
10
10
10
10
1
10
10
10
-5
-4
-3
-2
-1
2
3
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENG CN
://
.
84
-


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn