Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZMM3.9 Datasheet(PDF) 2 Page - Jinan Jingheng (Group) Co.,Ltd

Part No. ZMM3.9
Description  0.5W SILICON PLANAR ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Homepage  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

ZMM3.9 Datasheet(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd

  ZMM3.9 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd ZMM3.9 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd ZMM3.9 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd ZMM3.9 Datasheet HTML 4Page - Jinan Jingheng (Group) Co.,Ltd ZMM3.9 Datasheet HTML 5Page - Jinan Jingheng (Group) Co.,Ltd ZMM3.9 Datasheet HTML 6Page - Jinan Jingheng (Group) Co.,Ltd ZMM3.9 Datasheet HTML 7Page - Jinan Jingheng (Group) Co.,Ltd ZMM3.9 Datasheet HTML 8Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
mA
Type
Maximum zener impedance
and
at I
rr
Zjt
ZjK
ZK
1)
VZNOM
VV
IZT
mA
Zener Voltage range
1)
Maximum Reverse
Leakage Current
2)
V
A
A
TKVZ
Temp Coefficient
of zener voltage
%/K
ZMM1 THRU ZMM200 SILICON PLANAR ZENER DIODES
1) Tested with pulse tp=20ms
2) Valid provided that electrodes are kept at ambient temperature
3) The ZMM1 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be "F" instead of "Z", Connect the cathode to the negative
pole.
ZMM1
ZMM2.0
ZMM2.4
ZMM2.7
ZMM3.0
ZMM3.3
ZMM3.6
ZMM3.9
ZMM4.3
ZMM4.7
ZMM5.1
ZMM5.6
ZMM6.2
ZMM6.8
ZMM7.5
ZMM8.2
ZMM9.1
ZMM10
ZMM11
ZMM12
ZMM13
ZMM15
ZMM16
ZMM18
ZMM20
ZMM22
ZMM24
ZMM27
ZMM30
ZMM33
ZMM36
ZMM39
ZMM43
ZMM47
ZMM51
ZMM56
ZMM62
ZMM68
ZMM75
ZMM82
ZMM91
ZMM100
ZMM110
ZMM120
ZMM130
ZMM150
ZMM160
ZMM180
ZMM200
3)
0.75
2
2.4
2.7
3
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
110
120
130
150
160
180
200
5
0.7...0.8
1.9...2.1
2.28...2.56
2.5...2.9
2.8...3.2
3.1...3.5
3.4...3.8
3.7...4.1
4.0...4.6
4.4...5.0
4.8...5.4
5.2...6.0
5.8...6.6
6.4...7.2
7.0...7.9
7.7...8.7
8.5...9.6
9.4.10.6
10.4...11.6
11.4...12.7
12.4...14.1
13.8...15.6
15.3...17.1
16.8...19.1
18.8...21.2
20.8...23.3
22.8...25.6
25.1...28.9
28...32
31...35
34...38
37...41
40...46
44...50
48...54
52...60
58...66
64...72
70...79
77...87
85...96
94...106
104...116
114...127
124...141
138...156
153...171
168...191
188...212
<8
<85
<85
<85
<85
<85
<85
<85
<75
<60
<35
<25
<10
<8
<7
<7
<10
<15
<20
<20
<26
<30
<40
<50
<55
<55
<80
<80
<80
<80
<80
<90
<90
<110
<125
<135
<150
<200
<250
<300
<450
<450
<600
<800
<950
<1250
<1400
<1700
<2000
<50
<600
<600
<600
<600
<600
<600
<600
<600
<600
<550
<450
<200
<150
<50
<50
<50
<70
<70
<90
<110
<110
<170
<170
<220
<220
<220
<220
<220
<220
<220
<500
<500
<600
<700
<700
<1000
<1000
<1000
<1500
<2000
<5000
<5000
<5500
<6000
<6500
<7000
<8500
<10000
1
--
<100
<50
<10
<4
<2
<2
<2
<1
<0.5
--
<200
<100
<50
<40
<40
<40
<40
<20
<10
1.0
-0.26...-0.23
-0.09...-0.06
-0.09...-0.06
-0.09...-0.06
-0.08...-0.05
-0.08...-0.05
-0.08...-0.05
-0.08...-0.05
-0.06...-0.03
-0.05...+0.02
-0.02...+0.02
-0.05...+0.05
0.03...0.06
0.03...0.07
0.03...0.08
0.03...0.09
0.03...0.1
0.03...0.11
0.03...0.11
0.03...0.11
0.03...0.11
0.03...0.11
0.03...0.11
0.03...0.11
0.03...0.11
0.04...0.12
0.04...0.12
0.04...0.12
0.04...0.12
0.04...0.12
0.04...0.12
0.04...0.12
0.04...0.12
0.04...0.12
0.04...0.12
0.04...0.12
0.04...0.12
0.04...0.12
0.04...0.12
0.05...0.12
0.05...0.12
0.05...0.12
0.05...0.12
0.05...0.12
0.05...0.12
0.05...0.12
0.05...0.12
0.05...0.12
0.05...0.12
2.5
1
0.25
0.1
0.1
<2
<5
<10
2
3
5
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
110
120
130
150
Iat V
RR 25
(℃)
VR
Iat V
R
R 125
(℃)
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENG CN
://
.
82
-


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn