Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZMM3.9 Datasheet(PDF) 1 Page - Jinan Jingheng (Group) Co.,Ltd

Part No. ZMM3.9
Description  0.5W SILICON PLANAR ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Homepage  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

ZMM3.9 Datasheet(HTML) 1 Page - Jinan Jingheng (Group) Co.,Ltd

  ZMM3.9 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd ZMM3.9 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd ZMM3.9 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd ZMM3.9 Datasheet HTML 4Page - Jinan Jingheng (Group) Co.,Ltd ZMM3.9 Datasheet HTML 5Page - Jinan Jingheng (Group) Co.,Ltd ZMM3.9 Datasheet HTML 6Page - Jinan Jingheng (Group) Co.,Ltd ZMM3.9 Datasheet HTML 7Page - Jinan Jingheng (Group) Co.,Ltd ZMM3.9 Datasheet HTML 8Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R
SEMICONDUCTOR
ZMM1 TH U ZMM200
R
0.5W SILICON PLANAR ZENER DIODES
FEATURES
MECHANICAL DATA
ABSOLUTE MAXIMUM RATINGS(LIMITING VALUES) (T =25 C)
A
ELECTRICAL CHARACTERISTICS (T =25 C)
A
Case: MiniMELF(SOD-80) glass case
Weight: Approx. 0.05 gram
Zener current see table "Characteristics"
Thermal resistance junction to ambient
Ptot
R JA
mW
TSTG
Power dissipation at T =25 C
A
Junction temperature
Storage temperature range
1) Valid provided that electrodes case is kept at ambient temperature
Symbols
Symbols
Value
Typ
Max
Min
Units
Units
-55 to+175
C
C
K/W
TJ
175
500
300
1)
1)
MiniMELF
Dimensions in inches and (millimeters)
0.142(3.6)
0.126(3.2)
0.019(0.48)
0.011(0.28)
0.063(1.6)
0.055(1.4)
JF
Forward Voltage at I
100mA
=
F
VF
V
1
High temperature soldering guaranteed 260 C 10 seconds at terminals
:/
°
Component in accordance to RoHS 2011 65 EU
//
In MinMELF case especially for automated insertion
Standard Zener voltage tolerance is
5%.Add suffix "B" for 2% tolerance
Other tolerance, non standard and higher zener voltages are upon
request
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENG CN
://
.
81
-


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn