Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT11377D Datasheet(PDF) 5 Page - Texas Instruments

Part # 74ACT11377D
Description  OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11377D Datasheet(HTML) 5 Page - Texas Instruments

  74ACT11377D Datasheet HTML 1Page - Texas Instruments 74ACT11377D Datasheet HTML 2Page - Texas Instruments 74ACT11377D Datasheet HTML 3Page - Texas Instruments 74ACT11377D Datasheet HTML 4Page - Texas Instruments 74ACT11377D Datasheet HTML 5Page - Texas Instruments 74ACT11377D Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74ACT11377DBLE
OBSOLETE
SSOP
DB
24
TBD
Call TI
Call TI
74ACT11377DW
OBSOLETE
SOIC
DW
24
TBD
Call TI
Call TI
74ACT11377DW
OBSOLETE
SOIC
DW
24
TBD
Call TI
Call TI
74ACT11377DWR
OBSOLETE
SOIC
DW
24
TBD
Call TI
Call TI
74ACT11377DWR
OBSOLETE
SOIC
DW
24
TBD
Call TI
Call TI
74ACT11377NT
OBSOLETE
PDIP
NT
24
TBD
Call TI
Call TI
74ACT11377NT
OBSOLETE
PDIP
NT
24
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
24-Jun-2005
Addendum-Page 1


Similar Part No. - 74ACT11377D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ACT11377D PHILIPS-74ACT11377D Datasheet
177Kb / 7P
   OCTAL D TYPE FLIP FLOP WITH ENABLE
July 30 1990
logo
Texas Instruments
74ACT11377D TI1-74ACT11377D Datasheet
107Kb / 8P
[Old version datasheet]   OCTAL D TYPE FLIP FLOP WITH ENABLE
74ACT11377DBLE TI-74ACT11377DBLE Datasheet
71Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377DW TI-74ACT11377DW Datasheet
71Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377DWR TI-74ACT11377DWR Datasheet
71Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
More results

Similar Description - 74ACT11377D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
National Semiconductor ...
54FCT377 NSC-54FCT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377_00 Datasheet
75Kb / 7P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
74ACT11377 TI-74ACT11377 Datasheet
71Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377 Datasheet
113Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
logo
National Semiconductor ...
54ABT377 NSC-54ABT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377 Datasheet
62Kb / 6P
   Octal D-Type Flip-Flop with Clock Enable
74ABT377 FAIRCHILD-74ABT377 Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com