Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC11651 Datasheet(PDF) 7 Page - Texas Instruments

Part # 74AC11651
Description  OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11651 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 74AC11651_10 Datasheet HTML 2Page - Texas Instruments 74AC11651_10 Datasheet HTML 3Page - Texas Instruments 74AC11651_10 Datasheet HTML 4Page - Texas Instruments 74AC11651_10 Datasheet HTML 5Page - Texas Instruments 74AC11651_10 Datasheet HTML 6Page - Texas Instruments 74AC11651_10 Datasheet HTML 7Page - Texas Instruments 74AC11651_10 Datasheet HTML 8Page - Texas Instruments 74AC11651_10 Datasheet HTML 9Page - Texas Instruments 74AC11651_10 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
74AC11651
OCTAL BUS TRANSCEIVER AND REGISTER
WITH 3STATE OUTPUTS
SCAS135 − MARCH 1990 − REVISED APRIL 1993
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
90
90
MHz
tPLH
A or B
B or A
2.6
5.3
8
2.6
9.1
ns
tPHL
A or B
B or A
3.5
6.5
9.4
3.5
10.5
ns
tPLH
CLKBA or CLKAB
A or B
3.8
6.8
10
3.8
11.4
ns
tPHL
CLKBA or CLKAB
A or B
4.7
8.1
11.5
4.7
12.8
ns
tPLH
SBA or SAB†
A or B
3.2
6
8.8
3.2
10.1
ns
tPHL
SBA or SAB†
(A or B high)
A or B
3.9
7
10.1
3.9
11.2
ns
tPLH
SBA or SAB†
A or B
2.9
5.7
8.5
2.9
9.5
ns
tPHL
SBA or SAB†
(A or B low)
A or B
4.1
7.2
10.3
4.1
11.4
ns
tPZH
OEBA
A
3.9
6.9
9.8
3.9
11.1
ns
tPZL
OEBA
A
4.2
7.6
11
4.2
12.5
ns
tPHZ
OEBA
A
4.1
5.9
7.6
4.1
8
ns
tPLZ
OEBA
A
3.5
5.2
6.8
3.5
7.1
ns
tPZH
OEAB
B
4.2
5.9
10.4
4.2
11.8
ns
tPZL
OEAB
B
4.5
8
11.4
4.5
12.9
ns
tPHZ
OEAB
B
4.2
6
7.8
4.2
8.2
ns
tPLZ
OEAB
B
3.3
5.1
6.9
3.3
7.2
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per transceiver
Outputs enabled
CL = 50 pF,
f = 1 MHz
64
pF
Cpd
Power dissipation capacitance per transceiver
Outputs disabled
CL = 50 pF,
f = 1 MHz
14
pF


Similar Part No. - 74AC11651_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11651DW TI-74AC11651DW Datasheet
142Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results

Similar Description - 74AC11651_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2953 TI1-SN74BCT2953 Datasheet
92Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11652 TI-74ACT11652 Datasheet
147Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11648 TI1-74ACT11648 Datasheet
151Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2952 TI1-SN74BCT2952 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11651 TI1-74ACT11651 Datasheet
145Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11646 TI-74AC11646 Datasheet
121Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC646 TI-SN74LVC646 Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11648 TI1-74AC11648_10 Datasheet
139Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com