Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3079A Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK3079A
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3079A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK3079A Datasheet HTML 1Page - Toshiba Semiconductor 2SK3079A Datasheet HTML 2Page - Toshiba Semiconductor 2SK3079A Datasheet HTML 3Page - Toshiba Semiconductor 2SK3079A Datasheet HTML 4Page - Toshiba Semiconductor 2SK3079A Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SK3079A
2002-01-09
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
2SK3079A
470 MHz Band Amplifier Applications
· Output power: Po = 33.50dBmW (2.2 W) (min)
· Gain: Gp = 13.50dB (min)
· Drain Efficiency: ηD = 50.0% (min)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
10
V
Gate-source voltage
VGSS
3
V
Drain current
ID
3
A
Power dissipation
PD (Note 1)
20.0
W
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−45~150
°C
Note 1: Tc = 25°C
Marking
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output power
PO
33.5
¾
¾
dBmW
Drain efficiency
ηD
50.0
¾
¾
%
Power gain
Gp
VDS = 4.5 V, Iidle = 50 mA
(VGS = adjust)
f = 470 MHz, Pi = 20dBmW
ZG = ZL = 50 Ω
13.5
¾
¾
dB
Threshold voltage
Vth
VDS = 4.5 V, ID = 0.5 mA
¾
0.8
¾
V
Drain cut-off current
IDSS
VDS = 10 V, VGS = 0 V
¾
¾
10
µA
Gate-source leakage current
IGSS
VGS = 5 V, VDS = 0 V
¾
¾
5
µA
Load mismatch
(Note 2)
¾
VDS = 5 V, f = 470 MHz,
Pi = 20dBmW,
Po = 33.5dBmW (VGS = adjust)
VSWR LOAD 10:1 all phase
No degradation
¾
Caution: This is transistor the electrostatic sensitive device. Please handle with caution.
Note 2: When the RF output power test fixture is used
Unit: mm
JEDEC
JEITA
TOSHIBA
2-5N1A
Preliminary
UD
F
**
Type Name
Dot
Lot No.


Similar Part No. - 2SK3079A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3079A TOSHIBA-2SK3079A Datasheet
148Kb / 5P
   Silicon N Channel MOS Type 470 MHz Band Amplifier Applications
2SK3079A TOSHIBA-2SK3079A Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3079A TOSHIBA-2SK3079A_07 Datasheet
148Kb / 5P
   Silicon N Channel MOS Type 470 MHz Band Amplifier Applications
More results

Similar Description - 2SK3079A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
K15A50D TOSHIBA-K15A50D Datasheet
256Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOS)
HN1K04FU TOSHIBA-HN1K04FU Datasheet
124Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K17FU TOSHIBA-SSM3K17FU Datasheet
234Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6N04FU TOSHIBA-SSM6N04FU Datasheet
175Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
TK8A60DA TOSHIBA-TK8A60DA Datasheet
266Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K35CT TOSHIBA-SSM3K35CT Datasheet
215Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM3K44FS TOSHIBA-SSM3K44FS Datasheet
171Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K44MFV TOSHIBA-SSM3K44MFV Datasheet
204Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K116TU TOSHIBA-SSM3K116TU_14 Datasheet
166Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6K202FE TOSHIBA-SSM6K202FE_14 Datasheet
194Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
2SK3759 TOSHIBA-2SK3759 Datasheet
91Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type ( -MOS??
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com