Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT11181NT Datasheet(PDF) 11 Page - Texas Instruments

Part # 74ACT11181NT
Description  ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11181NT Datasheet(HTML) 11 Page - Texas Instruments

Back Button 74ACT11181NT Datasheet HTML 6Page - Texas Instruments 74ACT11181NT Datasheet HTML 7Page - Texas Instruments 74ACT11181NT Datasheet HTML 8Page - Texas Instruments 74ACT11181NT Datasheet HTML 9Page - Texas Instruments 74ACT11181NT Datasheet HTML 10Page - Texas Instruments 74ACT11181NT Datasheet HTML 11Page - Texas Instruments 74ACT11181NT Datasheet HTML 12Page - Texas Instruments 74ACT11181NT Datasheet HTML 13Page - Texas Instruments 74ACT11181NT Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
74ACT11181
ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
SCAS086 − D3200, OCTOBER 1989 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−11
PARAMETER MEASUREMENT INFORMATION
SUBTRACTION MODE TEST TABLE
FUNCTION INPUTS: S1 = S2 = 4.5 V, S0 = S3 = M = 0 V
PARAMETER
INPUT
UNDER
OTHER INPUT
SAME BIT
OTHER DATA INPUTS
OUTPUT
UNDER
OUTPUT
WAVEFORM
PARAMETER
UNDER
TEST
APPLY
4.5 V
APPLY
GND
APPLY
4.5 V
APPLY
GND
UNDER
TEST
WAVEFORM
(See Figure 3)
tPLH
Ai
None
Bi
Remaining
Remaining
Fi
In-Phase
tPHL
Ai
None
Bi
Remaining
A
Remaining
B, Cn
Fi
In-Phase
tPLH
Bi
Ai
None
Remaining
Remaining
Fi
Out-of-Phase
tPHL
Bi
Ai
None
Remaining
A
Remaining
B, Cn
Fi
Out-of-Phase
tPLH
Ai
None
Bi
None
Remaining
P
In-Phase
tPHL
Ai
None
Bi
None
Remaining
A and B, Cn
P
In-Phase
tPLH
Bi
Ai
None
None
Remaining
P
Out-of-Phase
tPHL
Bi
Ai
None
None
Remaining
A and B, Cn
P
Out-of-Phase
tPHL
Ai
Bi
None
None
Remaining
G
In-Phase
tPHL
Ai
Bi
None
None
Remaining
A and B, Cn
G
In-Phase
tPLH
Bi
None
Ai
None
Remaining
G
Out-of-Phase
tPHL
Bi
None
Ai
None
Remaining
A and B, Cn
G
Out-of-Phase
tPLH
Ai
None
Bi
Remaining
Remaining
A = B
In-Phase
tPHL
Ai
None
Bi
Remaining
A
Remaining
B, Cn
A = B
In-Phase
tPLH
Bi
Ai
None
Remaining
Remaining
A = B
Out-of-Phase
tPHL
Bi
Ai
None
Remaining
A
Remaining
B, Cn
A = B
Out-of-Phase
tPLH
Cn
None
None
All
None
Cn + 4
In-Phase
tPHL
Cn
None
None
All
A and B
None
Cn + 4
or any F
In-Phase
tPLH
Ai
Bi
None
None
Remaining
Cn + 4
Out-of-Phase
tPHL
Ai
Bi
None
None
Remaining
A and B, Cn
Cn + 4
Out-of-Phase
tPLH
Bi
None
Ai
None
Remaining
Cn + 4
In-Phase
tPHL
Bi
None
Ai
None
Remaining
A and B, Cn
Cn + 4
In-Phase
LOGIC MODE TEST TABLE
FUNCTION INPUTS: S1 = S2 = M = 4.5 V, S0 = S3 = 0 V
PARAMETER
INPUT
UNDER
OTHER INPUT
SAME BIT
OTHER DATA INPUTS
OUTPUT
UNDER
OUTPUT
WAVEFORM
PARAMETER
UNDER
TEST
APPLY
4.5 V
APPLY
GND
APPLY
4.5 V
APPLY
GND
UNDER
TEST
WAVEFORM
(See Figure 3)
tPLH
Ai
Bi
None
None
Remaining
Fi
Out-of-Phase
tPHL
Ai
Bi
None
None
Remaining
A and B, Cn
Fi
Out-of-Phase
tPLH
Bi
Ai
None
None
Remaining
Fi
Out-of-Phase
tPHL
Bi
Ai
None
None
Remaining
A and B, Cn
Fi
Out-of-Phase


Similar Part No. - 74ACT11181NT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ACT11181N PHILIPS-74ACT11181N Datasheet
500Kb / 19P
   4 BIT ARITHMETIC LOGIC UNIT
October 1990
More results

Similar Description - 74ACT11181NT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC181 STMICROELECTRONICS-M74HC181 Datasheet
212Kb / 13P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
Texas Instruments
SN74F382 TI1-SN74F382 Datasheet
146Kb / 8P
[Old version datasheet]   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
National Semiconductor ...
DM74S381 NSC-DM74S381 Datasheet
113Kb / 4P
   DM74S381 ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
ON Semiconductor
MC10H181 ONSEMI-MC10H181_06 Datasheet
194Kb / 6P
   4?묪it Arithmetic Logic Unit/ Function Generator
June, 2006 ??Rev. 8
MC10H181 ONSEMI-MC10H181 Datasheet
190Kb / 8P
   4-BIT ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
March, 2000 ??Rev. 7
logo
Motorola, Inc
MC10181 MOTOROLA-MC10181 Datasheet
124Kb / 6P
   4-Bit Arithmetic Logic Unit/Function Generator
logo
List of Unclassifed Man...
10190 ETC1-10190 Datasheet
129Kb / 2P
   4-BIT ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
National Semiconductor ...
DM74181N NSC-DM74181N Datasheet
255Kb / 8P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
DM54S181 NSC-DM54S181 Datasheet
268Kb / 9P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
logo
NXP Semiconductors
74F382 PHILIPS-74F382 Datasheet
121Kb / 12P
   Arithmetic Logic Unit
1990 Jul 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com