Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT11181NT Datasheet(PDF) 7 Page - Texas Instruments

Part # 74ACT11181NT
Description  ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11181NT Datasheet(HTML) 7 Page - Texas Instruments

Back Button 74ACT11181NT Datasheet HTML 3Page - Texas Instruments 74ACT11181NT Datasheet HTML 4Page - Texas Instruments 74ACT11181NT Datasheet HTML 5Page - Texas Instruments 74ACT11181NT Datasheet HTML 6Page - Texas Instruments 74ACT11181NT Datasheet HTML 7Page - Texas Instruments 74ACT11181NT Datasheet HTML 8Page - Texas Instruments 74ACT11181NT Datasheet HTML 9Page - Texas Instruments 74ACT11181NT Datasheet HTML 10Page - Texas Instruments 74ACT11181NT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
74ACT11181
ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
SCAS086 − D3200, OCTOBER 1989 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−7
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 3)
addition mode; M = S1 = S2 = 0 V, S0 = S3 = 4.5 V
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
Cn
Cn + 4
1.5
10.7
17.5
1.5
18.6
ns
tPHL
Cn
Cn + 4
1.5
11.3
16.2
1.5
18.3
ns
tPLH
Any A
Cn + 4
1.5
12.7
20.3
1.5
21.8
ns
tPHL
Any A
Cn + 4
1.5
14
19.7
1.5
22
ns
tPLH
Any B
Cn + 4
1.5
13.5
21.6
1.5
23.2
ns
tPHL
Any B
Cn + 4
1.5
13.6
19.7
1.5
22
ns
tPLH
Cn
Any F
1.5
11.2
17.1
1.5
18.7
ns
tPHL
Cn
Any F
1.5
9.9
15.9
1.5
17.4
ns
tPLH
Any A
G
1.5
12.8
20.9
1.5
23.3
ns
tPHL
Any A
G
1.5
12.7
17.8
1.5
20.9
ns
tPLH
Any B
G
1.5
12.7
20.6
1.5
22.1
ns
tPHL
Any B
G
1.5
14.3
19.2
1.5
21.3
ns
tPLH
Any A
P
1.5
11.4
18.4
1.5
19.6
ns
tPHL
Any A
P
1.5
9.6
16.6
1.5
17.4
ns
tPLH
Any B
P
1.5
11.3
18.2
1.5
19.3
ns
tPHL
Any B
P
1.5
10.6
15.6
1.5
16.6
ns
tPLH
Ai
Fi
1.5
11.8
17.7
1.5
19.5
ns
tPHL
Ai
Fi
1.5
11
17.7
1.5
18.7
ns
tPLH
Bi
Fi
1.5
11.6
17.3
1.5
19.1
ns
tPHL
Bi
Fi
1.5
12
19.4
1.5
20.6
ns
tPLH
Ai
Any F except Fi
1.5
13
18.9
1.5
21
ns
tPHL
Ai
Any F except Fi
1.5
12.4
18.8
1.5
20.2
ns
tPLH
Any B
Any F except Fi
1.5
13.1
18.7
1.5
21
ns
tPHL
Any B
Any F except Fi
1.5
13.5
19.8
1.5
21.3
ns
mode switching; S1 = S2 = 0 V, S0 = S3 = 4.5 V
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
M
Any F
1.5
9.5
15
1.5
16.3
ns
tPHL
M
Any F
1.5
10.6
16.4
1.5
17.5
ns
tPLH
M
A = B
1.5
15.7
19.3
1.5
20.1
ns
tPHL
M
A = B
1.5
14
18.7
1.5
21.8
ns


Similar Part No. - 74ACT11181NT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ACT11181N PHILIPS-74ACT11181N Datasheet
500Kb / 19P
   4 BIT ARITHMETIC LOGIC UNIT
October 1990
More results

Similar Description - 74ACT11181NT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC181 STMICROELECTRONICS-M74HC181 Datasheet
212Kb / 13P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
Texas Instruments
SN74F382 TI1-SN74F382 Datasheet
146Kb / 8P
[Old version datasheet]   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
National Semiconductor ...
DM74S381 NSC-DM74S381 Datasheet
113Kb / 4P
   DM74S381 ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
ON Semiconductor
MC10H181 ONSEMI-MC10H181_06 Datasheet
194Kb / 6P
   4?묪it Arithmetic Logic Unit/ Function Generator
June, 2006 ??Rev. 8
MC10H181 ONSEMI-MC10H181 Datasheet
190Kb / 8P
   4-BIT ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
March, 2000 ??Rev. 7
logo
Motorola, Inc
MC10181 MOTOROLA-MC10181 Datasheet
124Kb / 6P
   4-Bit Arithmetic Logic Unit/Function Generator
logo
List of Unclassifed Man...
10190 ETC1-10190 Datasheet
129Kb / 2P
   4-BIT ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
National Semiconductor ...
DM74181N NSC-DM74181N Datasheet
255Kb / 8P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
DM54S181 NSC-DM54S181 Datasheet
268Kb / 9P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
logo
NXP Semiconductors
74F382 PHILIPS-74F382 Datasheet
121Kb / 12P
   Arithmetic Logic Unit
1990 Jul 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com