Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KFF6450A Datasheet(PDF) 1 Page - CTS Corporation

Part # KFF6450A
Description  Surface mount, silver (Ag) coated ceramic filter.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

KFF6450A Datasheet(HTML) 1 Page - CTS Corporation

  KFF6450A Datasheet HTML 1Page - CTS Corporation KFF6450A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KFF6450A
1643.5 Mhz InMarSat BPF
Document No. 008-0256-0
Page 1 of 2
Rev. X4VH
Features
•Low Loss
• Excellent Low Side Rejection
• Small Size
Description
Surface mount, silver (Ag) coated ceramic
filter. Developed for use in InMarSat
applications.
Weight: 1.2 grams typical.
Material: Filter is composed of a ceramic
block plated with Ag.
Filter complies with RoHS standards.
Note: Supplier shall test each filter to the critical electrical specifications of the above table. Any subsequent audits may deviate from in value due to
measurement repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB
Electrical Specifications
Parameter
Frequency (MHz) Typical @ 25ºC Spec. @ 25ºC
Spec. Over
-40ºC to +85ºC
Passband Insertion Loss
1626.5 to 1660.5
1.36 dB
2.2 dB max
2.5 dB max
Passband Ripple
1626.5 to 1660.5
0.4 dB
0.8 dB max
1.0 dB max
Passband Return Loss @ Input
1626.5 to 1660.5
14.0 dB
10.0 dB min
9.5 dB max
Attenuation:
1576.5
38.0 dB
30.5 dB min
30.0 dB max
1751.5
26.9 dB
24.5 dB min
24.0 dB max
Power into any port
1 Watt Max
Rev 1 – Origin Date: July 11, 2005 – Revision Date: September 21, 2007
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
•“This product is covered by one or more of the following U.S. and foreign patents including: US 4,692,726;US 4,742,562; US 4,800,348;US 4,829,274;US 5,146,193;EP 0573597;DE 0573597;FR 0573597;JP 508149/92;KR 142171;US
5,162,760;US 5,218,329;US 5,250,916;US 5,327,109;US 5,488,335;CA 2114029;FR 9306297;GB 2273393;JP 3205337;KR 115113;CN 93106228.4;US 5,512,866;EP 0706719;DE 0706719;FR 0706719;GB 0706719;CN 95190359.4;US
5,602,518;US 5,721,520;US 5,745,018;EP 0910875;DE 0910875;DK 0910875;FR 0910875;GB 0910875;IE 0910875;JP 505182/98;KR 10-323013;US 5,994,978;US 6,462,629;CN 00810420.4;US 6,559,735;US 6,650,202;US
6,834,429.Other US and foreign patents pending.
•CTS Corporation 2006 reserves all copyrights in the layout, design and configuration of the patterns on this product.”


Similar Part No. - KFF6450A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
KFF6401A CTS-KFF6401A Datasheet
62Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6402A CTS-KFF6402A Datasheet
425Kb / 2P
   KFF6402A
KFF6402A CTS-KFF6402A_16 Datasheet
70Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6403A CTS-KFF6403A Datasheet
62Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6407A CTS-KFF6407A Datasheet
72Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
More results

Similar Description - KFF6450A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0167B CTS-CER0167B Datasheet
68Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0171A CTS-CER0171A Datasheet
294Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter
CER0185A CTS-CER0185A Datasheet
101Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0186A CTS-CER0186A Datasheet
103Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0202A CTS-CER0202A Datasheet
276Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0245E CTS-CER0245E Datasheet
72Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0280A CTS-CER0280A Datasheet
60Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0295B CTS-CER0295B Datasheet
64Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0325C CTS-CER0325C Datasheet
63Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter
CER0325E CTS-CER0325E Datasheet
63Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com