Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS125K010P1A Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # TAS125K010P1A
Description  Hermetically Sealed Axial Lead Solid Tantalum Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TAS125K010P1A Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  TAS125K010P1A Datasheet HTML 1Page - Cornell Dubilier Electronics TAS125K010P1A Datasheet HTML 2Page - Cornell Dubilier Electronics TAS125K010P1A Datasheet HTML 3Page - Cornell Dubilier Electronics TAS125K010P1A Datasheet HTML 4Page - Cornell Dubilier Electronics TAS125K010P1A Datasheet HTML 5Page - Cornell Dubilier Electronics TAS125K010P1A Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
//htmlimg2.alldatasheet.com/htmldatasheet2/834116/CDE/TAS125K010P1A/192/3/TAS125K010P1A.png


Similar Part No. - TAS125K010P1A

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
TAS127B15005A NHP-TAS127B15005A Datasheet
1Mb / 3P
   CT SOLID CORE 1500/5A 127 x 54mm 30VA CL1 20VA CL0.5
11 October 2022,
TAS127B16005A NHP-TAS127B16005A Datasheet
1Mb / 3P
   CT SOLID CORE 1600/5A 127 x 54mm 30VA CL1 20VA CL0.5
11 October 2022,
TAS127B20001A NHP-TAS127B20001A Datasheet
1Mb / 3P
   CT SOLID CORE 2000/1A 127 x 54mm 30VA CL1 25VA CL0.5
8 July 2023,
TAS127B20005A NHP-TAS127B20005A Datasheet
1Mb / 3P
   CT SOLID CORE 2000/5A 127 x 54mm 30VA CL1 25VA CL0.5
11 October 2022,
TAS127B25005A NHP-TAS127B25005A Datasheet
1Mb / 3P
   CT SOLID CORE 2500/5A 127 x 54mm 50VA CL1 30VA CL0.5
11 October 2022,
More results

Similar Description - TAS125K010P1A

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
CSR13 CDE-CSR13 Datasheet
636Kb / 7P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR23 CDE-CSR23 Datasheet
376Kb / 3P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
logo
Vishay Siliconix
150D VISHAY-150D Datasheet
72Kb / 9P
   Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
Revision: 16-Jan-08
logo
Kemet Corporation
T352F227 KEMET-T352F227 Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
logo
Cornell Dubilier Electr...
TAC CDE-TAC Datasheet
233Kb / 4P
   Molded, Axial Lead, Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com