Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5810 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5810
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5810 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5810 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5810 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5810 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5810 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5810 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5810
2004-07-07
3
Collector-emitter voltage VCE (V)
IC − VCE
Collector current IC (A)
hFE − IC
Collector current IC (A)
VCE (sat) − IC
Collector current IC (A)
VBE (sat) − IC
Base-emitter voltage VBE (V)
IC – VBE
0
0.4
0.6
1
0.2
0.8
IB = 1 mA
10
8
6
4
2
15
20
0
1.2
0.8
0.4
0.2
0.6
1
0
Common emitter
Ta
= 25 °C
Single nonrepetitive pulse
hFE − IC
100
1000
30
10000
Ta
= 100°C
−55
25
0.001
1
0.1
0.01
0.003
0.03
0.3
Common emitter
VCE = 2 V
Single nonrepetitive pulse
0.1
0.3
0.03
1
0.001
1
0.1
0.01
0.003
0.03
0.3
Ta
= 100°C
25
−55
0.01
0.003
Common emitter
IC/IB = 50
Single nonrepetitive pulse
Ta
= 100°C
−55
25
1
3
0.3
10
0.03
0.001
1
0.1
0.01
0.003
0.03
0.3
0.1
Common emitter
IC/IB = 50
Single nonrepetitive pulse
0
1.2
0.8
0.4
0.2
0.6
1.0
0
0.4
0.6
0.2
0.8
1.0
Common emitter
VCE = 2 V
Single nonrepetitive pulse


Similar Part No. - 2SC5810

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5810 TOSHIBA-2SC5810 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SC5810

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5703 TOSHIBA-2SC5703 Datasheet
166Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5785 TOSHIBA-2SC5785 Datasheet
182Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5714 TOSHIBA-2SC5714 Datasheet
112Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
TTC009 TOSHIBA-TTC009 Datasheet
178Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5713 TOSHIBA-2SC5713 Datasheet
159Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
TMBT3904 TOSHIBA-TMBT3904 Datasheet
243Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
2018-05-17
2SC5174 TOSHIBA-2SC5174 Datasheet
172Kb / 3P
   TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL TYPE
2SC6033 TOSHIBA-2SC6033 Datasheet
211Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
TPCP8504 TOSHIBA-TPCP8504 Datasheet
224Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5784 TOSHIBA-2SC5784 Datasheet
178Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
TPCP8701 TOSHIBA-TPCP8701 Datasheet
217Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com