Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

474K400RA6-FA Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 474K400RA6-FA
Description  Radial PET Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

474K400RA6-FA Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  474K400RA6-FA Datasheet HTML 1Page - Cornell Dubilier Electronics 474K400RA6-FA Datasheet HTML 2Page - Cornell Dubilier Electronics 474K400RA6-FA Datasheet HTML 3Page - Cornell Dubilier Electronics 474K400RA6-FA Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The RA style capacitor is constructed in an efficient rugged self-
encased size. The non-inductive multilayer metallized polyester film
capacitor features a small size, high dv/dt capability, very low ESR
at high frequency and a self-healing capability. RA type capacitors
are ideal for use in high frequency switching power supplies, noise
suppression, EMI reduction and long-life applications.
Highlights
- Efficient size
- Self healing
- Low ESR/ESL
- High dv/dt
- Wave solderable
Specifications
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type RA Angstor® Radial PET Film Capacitors
Capacitance Range (at 1 kHz)
0.1 to 10 µF
Capacitance Tolerance
Standard Tolerance ±10% (K), Optional ±5% (J) or ±20% (M)
Rated Voltage
100, 250, 400, 500 Vdc
Operating Temperature Range
–55 ºC to 125 ºC
Dissipation Factor (at 1 kHZ/25 ºC)
≤1.0%
Insulation Resistance
≥1,000 MΩ x µF - Need not exceed 1,000 MΩ
Test Voltage for 100 Vdc rating: 10 Vdc
Test Voltage for >100 Vdc rating : 100 Vdc
Dielectric Strength
1.6 x rated VDC for 2 seconds max.
Bold P.N.: 1.3 x rated VDC for 2 seconds max.
Self Inductance (typical)
2 to 6 nh
Temperature Range
-55° to +125°C at Rated DC Voltage
Bold P.N.: -55° to +125°C
(derate voltage 1.25% / °C above +85°C)
Life Test:
Apply 1.25 x the rated DC voltage for 1000 hours at +85°C.
After the test, the capacitance, DF, and IR should meet the following:
Capacitance change: ≤ 5.0%
DF will meet the initial specification
Insulation Resistance will meet the initial specification
Moisture Test:
Subject the capacitor to +85°C / 85% RH for 21 days without voltage.
After the test, the capacitance, DF, and IR should meet the following:
Capacitance change: ≤ 7.0%
DF will meet the initial specification
Insulation Resistance ≥ 30% of the initial limit
Long Term Stability :
After 2 years of storage in a standard environment.
Capacitance change: ≤2.0%
Vibration
Mil Std 202 Method 204D
Solder Resistance
260°C, 5 sec.
Capacitance change: ≤ 2.0%
Outline Drawing


Similar Part No. - 474K400RA6-FA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
474K400RA6 ETC2-474K400RA6 Datasheet
546Kb / 6P
   Efficient size Rugged construction Does not fail short ??Self healing
More results

Similar Description - 474K400RA6-FA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CB052E0105JBC AVX-CB052E0105JBC Datasheet
744Kb / 10P
   Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
logo
Thermtrol Corporation
932A-100 THERMTROL-932A-100 Datasheet
305Kb / 2P
   SURFACE MOUNT FILM PET HIGH CV
logo
FERYSTER Inductive Comp...
ETD39-K-V-16P FERYSTER-ETD39-K-V-16P Datasheet
127Kb / 1P
   PET FR530
logo
Cornell Dubilier Electr...
DPP CDE-DPP Datasheet
203Kb / 3P
   Polypropylene Radial Leaded Film Capacitors
logo
World Produts Inc.
PCPW223 WPI-PCPW223 Datasheet
192Kb / 6P
   Low inductive wound cell of metalized(PET) film
logo
List of Unclassifed Man...
FKS2D011001A00JSSD ETC1-FKS2D011001A00JSSD Datasheet
277Kb / 7P
   Polyester (PET) Film and Foil Capacitors for Pulse Applications in PCM 5 mm
logo
FERYSTER Inductive Comp...
ETD29-K-H-5-08 FERYSTER-ETD29-K-H-5-08 Datasheet
141Kb / 1P
   PET FR530
logo
Cornell Dubilier Electr...
DME1P56K-F CDE-DME1P56K-F Datasheet
210Kb / 4P
   Polyester Film Capacitors Metallized Radial Leads
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
logo
Cornell Dubilier Electr...
DMM1P15K-F CDE-DMM1P15K-F Datasheet
205Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com