Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HZC226M050D16T-F Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part No. HZC226M050D16T-F
Description  SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

HZC226M050D16T-F Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  HZC226M050D16T-F Datasheet HTML 1Page - Cornell Dubilier Electronics HZC226M050D16T-F Datasheet HTML 2Page - Cornell Dubilier Electronics HZC226M050D16T-F Datasheet HTML 3Page - Cornell Dubilier Electronics HZC226M050D16T-F Datasheet HTML 4Page - Cornell Dubilier Electronics HZC226M050D16T-F Datasheet HTML 5Page - Cornell Dubilier Electronics HZC226M050D16T-F Datasheet HTML 6Page - Cornell Dubilier Electronics HZC226M050D16T-F Datasheet HTML 7Page - Cornell Dubilier Electronics HZC226M050D16T-F Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Type HZC -55 ºC to +125 ºC
SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Recommended Land Dimensions
Case Code D (mm)
A
B
C
C
5
1.5
2.8
1.6
D
6.3
1.8
3.2
1.6
X
6.3
1.8
3.2
1.6
F
8
3.1
4.0
2.0
G
10
4.6
4.1
2.0
Recommended Reflow Soldering
Notes:
1. For 5mm and 6.3 mm case dia., if the peak temperature does not exceed 255 °C the time at or above 250 °C can increase to 10 seconds.
2. The capacitors in the 8m and 10 mm case dia. can withstand 2 reflow processes, if the peak temperature does not exceed 245 °C and the time at or
above 240 °C does not exceed 10 seconds.
3. The 2nd reflow process should be performed after the capacitors have returned to room temperature.
4. Temperature should be measured with a thermal couple placed on the top surface of the capacitor.
5. After reflow soldering, the leakage current, D.F., and e.s.r., will meet the initial specifications, and the capacitance will be within ±10% of the initial
measured value when measured at room conditions.
Case
Code
Case Dia.
(mm)
Peak
Temperature
Time at or
above 250 °C
Time at or
above 230 °C
Time at or above
217 °C
Time at or above
200 °C
Number of Reflow
Processes
C
5
260°C
5 seconds
30 seconds
40 seconds
70 seconds
2
D
6.3
X
6.3
F
8
1
G
10
0
50
100
150
200
250
300
120 seconds
160°C
Peak Temperature
200°C
70 sec.
230°C
30 sec.
Time (sec)
mm


Similar Part No. - HZC226M050D16T-F

ManufacturerPart No.DatasheetDescription
Cornell Dubilier Electronics
Cornell Dubilier Electr...
HZC226M050D16T-F CDE-HZC226M050D16T-F Datasheet
825Kb / 8P
   Low Leakage Current
HZC226M050D16T-F CDE-HZC226M050D16T-F Datasheet
416Kb / 8P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
More results

Similar Description - HZC226M050D16T-F

ManufacturerPart No.DatasheetDescription
Cornell Dubilier Electronics
Cornell Dubilier Electr...
HZC CDE-HZC_17 Datasheet
416Kb / 8P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZA CDE-HZA_17 Datasheet
395Kb / 7P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
List of Unclassifed Manufacturers
List of Unclassifed Man...
HZC277M035G24VT-F ETC2-HZC277M035G24VT-F Datasheet
793Kb / 1P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZA336M025C12T-F ETC2-HZA336M025C12T-F Datasheet
777Kb / 7P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
Cornell Dubilier Electronics
Cornell Dubilier Electr...
HZA336M080G24VT-F CDE-HZA336M080G24VT-F Datasheet
788Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZA_V CDE-HZA_V Datasheet
295Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZC_V CDE-HZC_V Datasheet
297Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
Nichicon corporation
Nichicon corporation
GYA NICHICON-GYA Datasheet
1Mb / 1P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
United Chemi-Con, Inc.
United Chemi-Con, Inc.
HHXA350ARA470 CHEMI-CON-HHXA350ARA470 Datasheet
451Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
HHXC350ARA220 CHEMI-CON-HHXC350ARA220 Datasheet
418Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz