Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HZC226M050D16T-F Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part No. HZC226M050D16T-F
Description  SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

HZC226M050D16T-F Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  HZC226M050D16T-F Datasheet HTML 1Page - Cornell Dubilier Electronics HZC226M050D16T-F Datasheet HTML 2Page - Cornell Dubilier Electronics HZC226M050D16T-F Datasheet HTML 3Page - Cornell Dubilier Electronics HZC226M050D16T-F Datasheet HTML 4Page - Cornell Dubilier Electronics HZC226M050D16T-F Datasheet HTML 5Page - Cornell Dubilier Electronics HZC226M050D16T-F Datasheet HTML 6Page - Cornell Dubilier Electronics HZC226M050D16T-F Datasheet HTML 7Page - Cornell Dubilier Electronics HZC226M050D16T-F Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ratings
Capacitance
(µF)
Voltage
Rating
(Vdc)
CDE Part Number
MAX
DCL
(µA)
MAX DF @
120 Hz/20°C
MAX
E.S.R.
@
100kHz/+20°C
(ohms)
MAX
Ripple Current
@
100kHz/+125°C
(A rms)
D
(mm)
L
(mm)
Case
Code
QTY/reel
25 Vdc ( 32 Vdc Surge )
33
25
HZC336M025C12T-F
8.2
0.14
0.080
0.55
5.0
5.8
C
1000
56
25
HZC566M025D16T-F
14.0
0.14
0.050
0.90
6.3
5.8
D
1000
100
25
HZC107M025X16T-F
25.0
0.14
0.030
1.40
6.3
7.7
X
900
220
25
HZC227M025F24T-F
55.0
0.14
0.027
1.60
8.0
10.2
F
500
330
25
HZC337M025G24T-F
82.5
0.14
0.020
2.00
10.0
10.2
G
500
35 Vdc ( 44 Vdc Surge )
22
35
HZC226M035C12T-F
7.7
0.12
0.100
0.55
5.0
5.8
C
1000
47
35
HZC476M035D16T-F
16.4
0.12
0.060
0.90
6.3
5.8
D
1000
68
35
HZC686M035X16T-F
23.8
0.12
0.035
1.40
6.3
7.7
X
900
150
35
HZC157M035F24T-F
52.5
0.12
0.027
1.60
8.0
10.2
F
500
270
35
HZC277M035G24T-F
94.5
0.12
0.020
2.00
10.0
10.2
G
500
50 Vdc ( 63 Vdc Surge )
10
50
HZC106M050C12T-F
5.0
0.10
0.120
0.50
5.0
5.8
C
1000
22
50
HZC226M050D16T-F
11.0
0.10
0.080
0.75
6.3
5.8
D
1000
33
50
HZC336M050X16T-F
16.5
0.10
0.040
1.10
6.3
7.7
X
900
68
50
HZC686M050F24T-F
34.0
0.10
0.030
1.25
8.0
10.2
F
500
100
50
HZC107M050G24T-F
50.0
0.10
0.028
1.60
10.0
10.2
G
500
63 Vdc ( 79 Vdc Surge )
10
63
HZC106M063D16T-F
6.3
0.08
0.120
0.70
6.3
5.8
D
1000
22
63
HZC226M063X16T-F
13.8
0.08
0.080
0.90
6.3
7.7
X
900
33
63
HZC336M063F24T-F
20.7
0.08
0.040
1.10
8.0
10.2
F
500
56
63
HZC566M063G24T-F
35.2
0.08
0.030
1.40
10.0
10.2
G
500
HZC
227
M
25
F
24T
–F
RoHS
Compliant
Indicator
Packaging
Type
Capacitance
Capacitance Tolerance
Voltage Code
Case Code
Code
227 = 220 µF
M = ±20%
25 = 25 Vdc
See Ratings Table
24 = Tape
carrier
width (mm)
T = Tape & Reel
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Part Numbering System
Type HZC -55 ºC to +125 ºC
SMT Hybrid Polymer-Aluminum Electrolytic Capacitors


Similar Part No. - HZC226M050D16T-F

ManufacturerPart No.DatasheetDescription
Cornell Dubilier Electronics
Cornell Dubilier Electr...
HZC226M050D16T-F CDE-HZC226M050D16T-F Datasheet
825Kb / 8P
   Low Leakage Current
HZC226M050D16T-F CDE-HZC226M050D16T-F Datasheet
416Kb / 8P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
More results

Similar Description - HZC226M050D16T-F

ManufacturerPart No.DatasheetDescription
Cornell Dubilier Electronics
Cornell Dubilier Electr...
HZC CDE-HZC_17 Datasheet
416Kb / 8P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZA CDE-HZA_17 Datasheet
395Kb / 7P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
List of Unclassifed Manufacturers
List of Unclassifed Man...
HZC277M035G24VT-F ETC2-HZC277M035G24VT-F Datasheet
793Kb / 1P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZA336M025C12T-F ETC2-HZA336M025C12T-F Datasheet
777Kb / 7P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
Cornell Dubilier Electronics
Cornell Dubilier Electr...
HZA336M080G24VT-F CDE-HZA336M080G24VT-F Datasheet
788Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZA_V CDE-HZA_V Datasheet
295Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZC_V CDE-HZC_V Datasheet
297Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
Nichicon corporation
Nichicon corporation
GYA NICHICON-GYA Datasheet
1Mb / 1P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
United Chemi-Con, Inc.
United Chemi-Con, Inc.
HHXA350ARA470 CHEMI-CON-HHXA350ARA470 Datasheet
451Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
HHXC350ARA220 CHEMI-CON-HHXC350ARA220 Datasheet
418Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz