Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP8216 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8216
Description  4-Bit Bidirectional Bus Transceivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8216 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DP8216 Datasheet HTML 1Page - National Semiconductor (TI) DP8216 Datasheet HTML 2Page - National Semiconductor (TI) DP8216 Datasheet HTML 3Page - National Semiconductor (TI) DP8216 Datasheet HTML 4Page - National Semiconductor (TI) DP8216 Datasheet HTML 5Page - National Semiconductor (TI) DP8216 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Switching Characteristics (Notes 2 3 and 4)
Symbol
Parameter
Conditions
Limits
Units
Min
Typ
Max
DP8216M DP8226M VCC e 5V g10%
tPD1
Input to Output Delay DO Outputs
CL e 30 pF R1 e 300X
15
25
ns
R2 e 600X
tPD2
Input to Output Delay DB Outputs
CL e 300 pF R1 e 90X
DP8216M
R2 e 180X
19
33
ns
DP8226M
16
25
ns
tE
Output Enable Time
DO Outputs CL e 30 pF
DP8216M
R1 e 300X
42
75
ns
DP8226M
R2 e 600X
36
62
ns
DB Outputs CL e 300 pF
R1 e 90X
R2 e 180X
tD
Output Disable Time
DO Outputs CL e 5 pF
DP8216M
R1 e 300X
16
40
ns
DP8226M
R2 e 600X
16
38
ns
DB Outputs CL e 5 pF
R1 e 90X
R2 e 180X
DP8216 DP8226 VCC e 50V g5%
tPD1
Input to Output Delay DO Outputs
CL e 30 pF R1 e 300X
15
25
ns
R2 e 600X
tPD2
Input to Output Delay DB Outputs
CL e 300 pF R1 e 90X
DP8216
R2 e 180X
20
30
ns
DP8226
16
25
ns
tE
Output Enable Time
DO Outputs CL e 30 pF
DP8216
R1 e 300X
45
65
ns
DP8226
R2 e 600X
35
54
ns
DB Outputs CL e 300 pF
R1 e 90X
R2 e 180X
tD
Output Disable Time
DO Outputs CL e 5 pF
R1 e 300X
R2 e 600X
20
35
ns
DB Outputs CL e 5 pF
R1 e 90X
R2 e 180X
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the
devices should be operated at these limits The tables of ‘‘Electrical Characteristics’’ provide conditions for actual device operation
Note 2
Unless otherwise specified minmax limits apply across the b55 Cto a125 C temperature range for the DP8216M and DP8226M and across the
0 Cto a70 C temperature range for the DP8216 and DP8226 All typical values are given for VCC e 5V and TA e 25 C
Note 3
All currents into device pins are positive all currents out of device pins are negative All voltages are referenced to ground unless otherwise specified
Note 4
Only one output at a time should be shorted
4


Similar Part No. - DP8216

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8212 NSC-DP8212 Datasheet
189Kb / 10P
   8-Bit Input/Output Port
logo
Texas Instruments
DP8212 TI1-DP8212 Datasheet
439Kb / 12P
[Old version datasheet]   DP8212/DP8212M 8-Bit Input/Output Port
logo
National Semiconductor ...
DP8212J NSC-DP8212J Datasheet
189Kb / 10P
   8-Bit Input/Output Port
logo
Texas Instruments
DP8212J TI1-DP8212J Datasheet
439Kb / 12P
[Old version datasheet]   DP8212/DP8212M 8-Bit Input/Output Port
DP8212M TI1-DP8212M Datasheet
439Kb / 12P
[Old version datasheet]   DP8212/DP8212M 8-Bit Input/Output Port
More results

Similar Description - DP8216

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8T28 NSC-DS8T28 Datasheet
188Kb / 4P
   4-Bit Bidirectional Bus Transceivers
logo
Intel Corporation
M8216 INTEL-M8216 Datasheet
111Kb / 2P
   4-BIT PARALLEL BIDIRECTIONAL BUS DRIVER
logo
Mitsubishi Electric Sem...
M5L8216P MITSUBISHI-M5L8216P Datasheet
290Kb / 4P
   4-BIT PARALLEL BIDIRECTIONAL BUS DRIVERS
logo
List of Unclassifed Man...
AM7303 ETC1-AM7303 Datasheet
442Kb / 6P
   OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
AM7307 ETC1-AM7307 Datasheet
367Kb / 6P
   OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
logo
NEC
UPB8286 NEC-UPB8286 Datasheet
180Kb / 4P
   8 BIT BUS TRANSCEIVERS
logo
Integrated Device Techn...
IDT74FCT16245T IDT-IDT74FCT16245T Datasheet
185Kb / 10P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT162245 PERICOM-PI74FCT162245 Datasheet
209Kb / 6P
   Fast CMOS 16-Bit Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT163245 IDT-IDT74FCT163245 Datasheet
123Kb / 7P
   3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
logo
Texas Instruments
SN74ALS642A-1N TI-SN74ALS642A-1N Datasheet
705Kb / 17P
[Old version datasheet]   Bidirectional Bus Transceivers in High-Density 20-Pin Packages
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com