Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HZC157M035F24T-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # HZC157M035F24T-F
Description  SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

HZC157M035F24T-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  HZC157M035F24T-F Datasheet HTML 1Page - Cornell Dubilier Electronics HZC157M035F24T-F Datasheet HTML 2Page - Cornell Dubilier Electronics HZC157M035F24T-F Datasheet HTML 3Page - Cornell Dubilier Electronics HZC157M035F24T-F Datasheet HTML 4Page - Cornell Dubilier Electronics HZC157M035F24T-F Datasheet HTML 5Page - Cornell Dubilier Electronics HZC157M035F24T-F Datasheet HTML 6Page - Cornell Dubilier Electronics HZC157M035F24T-F Datasheet HTML 7Page - Cornell Dubilier Electronics HZC157M035F24T-F Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rated for 125°C, type HZC combines the advantages of
aluminum electrolytic and aluminum polymer technology.
These hybrid capacitors have the ultra-low ESR characteristics of
conductive aluminum polymer capacitors packaged in a V-chip,
SMT case with high capacitance and voltage ratings that were
previously available only in aluminum electrolytic technology.
Applications for type 125°C hybrid capacitors include a variety
of industrial power conversion, lighting control and automotive
applications.
Highlights
- +125 °C, Up to 4,000 Hours Load Life
- Low Leakage Current
- Very Low ESR and High Ripple Current
- 260 °C reflow soldering
Specifications
Outline Drawing
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Capacitance Range
10 to 330 µF
Capacitance Tolerance
±20% @ 120 Hz/+20 °C
Rated Voltage
25, 35, 50, 63 Vdc
Leakage Current (at 20°C)
I = .01CV or 3 µA max., whichever is greater after 2 minutes
I = leakage current in µAmps
C = rated capacitance in µF
V = rated DC Working voltage in Volts
Low Temperature Characteristics (at 120 Hz)
Z(-25 ºC)/Z(+20 ºC): 2
Z(-55 ºC)/Z(+20 ºC): 2.5
Ripple Current Frequency Multiplier
Frequency
120 Hz
1000 Hz
10,000 Hz
100 KHz
Correction Factor
0.1
0.3
0.6
1
RoHS Compliant
Type HZC -55 ºC to +125 ºC
SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
Case
Code
D
(± 0.5)
L
( ± 0.3)
A
(± 0.2)
B
( ± 0.2)
H
(max.)
I
(ref.)
W
P
(ref.)
K
C
5.0
5.8
5.3
5.3
6.5
2.2
0.65 ± 0.1
1.5
0.35 +0.15/-0.20
D
6.3
5.8
6.6
6.6
7.8
2.6
0.65 ± 0.1
1.8
0.35 +0.15/-0.20
X
6.3
7.7
6.6
6.6
7.8
2.6
0.65 ± 0.1
1.8
0.35 +0.15/-0.20
F
8.0
10.2
8.3
8.3
10.0
3.4
0.90 ± 0.2
3.1
0.70 ± 0.2
G
10.0
10.2
10.3
10.3
12.0
3.5
0.90 ± 0.2
4.6
0.70 ± 0.2
mm
Capacitor Markings
Voltage
Code
Voltage
Vdc
E
25
V
35
H
50
J
63
Lot, Number: Year, Line, Month
For filtering, Bypassing and Power Supply Decoupling with Long Life Requirements
C


Similar Part No. - HZC157M035F24T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
HZC157M035F24T-F CDE-HZC157M035F24T-F Datasheet
825Kb / 8P
   Low Leakage Current
HZC157M035F24T-F CDE-HZC157M035F24T-F Datasheet
416Kb / 8P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
More results

Similar Description - HZC157M035F24T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
HZC CDE-HZC_17 Datasheet
416Kb / 8P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZA CDE-HZA_17 Datasheet
395Kb / 7P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
HZC277M035G24VT-F ETC2-HZC277M035G24VT-F Datasheet
793Kb / 1P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZA336M025C12T-F ETC2-HZA336M025C12T-F Datasheet
777Kb / 7P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
HZA336M080G24VT-F CDE-HZA336M080G24VT-F Datasheet
788Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZA_V CDE-HZA_V Datasheet
295Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZC_V CDE-HZC_V Datasheet
297Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
HHXA350ARA470 CHEMI-CON-HHXA350ARA470 Datasheet
451Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
HHXC350ARA220 CHEMI-CON-HHXC350ARA220 Datasheet
418Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nichicon corporation
GYA NICHICON-GYA Datasheet
1Mb / 1P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com