Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CER0821B Datasheet(PDF) 1 Page - CTS Corporation

Part # CER0821B
Description  Surface mount, silver (Ag) coated neodymium ceramic filter.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0821B Datasheet(HTML) 1 Page - CTS Corporation

  CER0821B Datasheet HTML 1Page - CTS Corporation CER0821B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CER0821B
2140 MHz BPF
Document No. 008-0256-0
Page 1 of 2
Rev. X4VH
Features
• Low Loss
• High Rejection
• Excellent Return Loss
Description
Surface mount, silver (Ag) coated
neodymium ceramic filter. Developed for
use in 880 MHz infrastructure applications.
Weight: 2.6 grams typical
Material: Filter is composed of a ceramic
block plated with Ag.
Filter complies with RoHS standards.
Note: Supplier shall test each filter to the critical electrical specifications of the above table. Any subsequent audits may deviate from in value due to
measurement repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB
Electrical Specifications
Revision A – Origin Date: July 28, 2011 – Revision Date: July 28, 2011
- CTS Electronic Components - www.ctscorp.com – 4800 Alameda Blvd NE, Albuquerque, NM 87114 -
•“This product is covered by one or more of the following U.S. and foreign patents including: US 4,692,726;US 4,742,562; US 4,800,348;US 4,829,274;US 5,146,193;EP 0573597;DE 0573597;FR 0573597;JP 508149/92;KR 142171;US
5,162,760;US 5,218,329;US 5,250,916;US 5,327,109;US 5,488,335;CA 2114029;FR 9306297;GB 2273393;JP 3205337;KR 115113;CN 93106228.4;US 5,512,866;EP 0706719;DE 0706719;FR 0706719;GB 0706719;CN 95190359.4;US
5,602,518;US 5,721,520;US 5,745,018;EP 0910875;DE 0910875;DK 0910875;FR 0910875;GB 0910875;IE 0910875;JP 505182/98;KR 10-323013;US 5,994,978;US 6,462,629;CN 00810420.4;US 6,559,735;US 6,650,202;US
6,834,429.Other US and foreign patents pending.
•CTS Corporation 2006 reserves all copyrights in the layout, design and configuration of the patterns on this product.”
Parameter
Frequency
MHz
Typical
@ 25ºC
Specification
@ 25ºC
Spec over
-40ºC to +85ºC
Passband Iloss
2070 - 2210
-1.8
-2.3
-2.5
Passband Ripple
2070 - 2210
0.8
1.1
1.2
Passband Return Loss @ Port 1
2070 - 2210
-16.0
-14.0
-14.0
Passband Return Loss @ Port 2
2070 - 2210
-16.0
-14.0
-14.0
Attenuation
1 - 1600
-52.0
-48.0
-48.0
1600 - 1900
-47.0
-40.0
-40.0
1920 - 1980
-35.0
-25.0
-25.0
1980 - 2031
-16.3
-15.0
-15.0
2250 - 2300
-16.8
-15.0
-15.0
2300 - 2450
-43.0
-20.0
-20.0
2450 - 2600
-41.0
-35.0
-35.0
2600 - 3000
-34.0
-28.0
-28.0
Power into any port
1 Watt max


Similar Part No. - CER0821B

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0820A CTS-CER0820A Datasheet
280Kb / 2P
   Surface Mount, silver(Ag) coated ceramic bandpass filter
CER0829B CTS-CER0829B Datasheet
75Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
More results

Similar Description - CER0821B

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0606A CTS-CER0606A Datasheet
62Kb / 2P
   Surface mount, silver (Ag) coated neodymium ceramic filter.
CER0604A CTS-CER0604A Datasheet
64Kb / 2P
   Surface mount, silver (Ag) coated neodymium ceramic filter.
CER0607A CTS-CER0607A Datasheet
64Kb / 2P
   Surface mount, silver (Ag) coated neodymium ceramic filter.
CER0136A CTS-CER0136A Datasheet
92Kb / 2P
   Surface mount, silver (Ag) coated neodymium ceramic filter.
CER0512A CTS-CER0512A Datasheet
78Kb / 2P
   Surface mount, silver (Ag) coated neodymium ceramic filter.
CER0817B CTS-CER0817B Datasheet
152Kb / 2P
   Surface mount, silver (Ag) coated neodymium ceramic filter
CER0605A CTS-CER0605A Datasheet
63Kb / 2P
   Surface mount, silver (Ag) coated neodymium ceramic filter.
CER0255B CTS-CER0255B Datasheet
65Kb / 2P
   Surface mount, silver (Ag) coated neodymium ceramic Duplexer.
CER0256B CTS-CER0256B Datasheet
63Kb / 2P
   Surface mount, silver (Ag) coated neodymium ceramic Duplexer.
CER0254B CTS-CER0254B Datasheet
65Kb / 2P
   Surface mount, silver (Ag) coated neodymium ceramic uplexer.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com