Electronic Components Datasheet Search |
|
HZA336M080G24VT-F Datasheet(PDF) 5 Page - Cornell Dubilier Electronics |
|
HZA336M080G24VT-F Datasheet(HTML) 5 Page - Cornell Dubilier Electronics |
5 / 6 page CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 Recommended Reflow Soldering Notes: 1. The capacitors in the 8m and 10 mm case dia. can withstand 2 reflow processes, if the peak temperature does not exceed 245 °C and the time at or above 240 °C does not exceed 10 seconds. 2. The 2nd reflow process should be performed after the capacitors have returned to room temperature. 3. Temperature should be measured with a thermal couple placed on the top surface of the capacitor. 4. After reflow soldering, the leakage current, D.F., and e.s.r., will meet the initial specifications, and the capacitance will be within ±10% of the initial measured value when measured at room conditions. Case Code Case Dia. (mm) Peak Temperature Time at or above 250 °C Time at or above 230 °C Time at or above 217 °C Time at or above 200 °C Number of Reflow Processes F 8 260°C 5 seconds 30 seconds 40 seconds 70 seconds 1 G 10 0 50 100 150 200 250 300 120 seconds 160°C Peak Temperature 200°C 70 sec. 230°C 30 sec. Time (sec) High Vibration Type HZA_V -55 ºC to +105 ºC SMT Hybrid Polymer-Aluminum Electrolytic Capacitors |
Similar Part No. - HZA336M080G24VT-F |
|
Similar Description - HZA336M080G24VT-F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |