Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2060A-E619DBQRG4 Datasheet(PDF) 13 Page - Texas Instruments

Part # BQ2060A-E619DBQRG4
Description  SBS v1.1-Compliant Gas Gauge IC
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2060A-E619DBQRG4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ2060A-E619DBQRG4 Datasheet HTML 9Page - Texas Instruments BQ2060A-E619DBQRG4 Datasheet HTML 10Page - Texas Instruments BQ2060A-E619DBQRG4 Datasheet HTML 11Page - Texas Instruments BQ2060A-E619DBQRG4 Datasheet HTML 12Page - Texas Instruments BQ2060A-E619DBQRG4 Datasheet HTML 13Page - Texas Instruments BQ2060A-E619DBQRG4 Datasheet HTML 14Page - Texas Instruments BQ2060A-E619DBQRG4 Datasheet HTML 15Page - Texas Instruments BQ2060A-E619DBQRG4 Datasheet HTML 16Page - Texas Instruments BQ2060A-E619DBQRG4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
640 x 13500
Self-DischargeUpdateTime =
seconds
256 x n x (Y% per day)
640
135000
256
n
(Y% per day)
+ 6750 seconds
bq2060A
www.ti.com
SLUS500D
– OCTOBER 2001 – REVISED OCTOBER 2011
Self-Discharge
The bq2060A estimates the self-discharge of the battery to maintain an accurate measure of the battery capacity
during periods of inactivity. The algorithm for self-discharge estimation takes a programmed estimate for the
expected self-discharge rate at 25
°C stored in EEPROM and makes a fixed reduction to RM of an amount equal
to RemainingCapacity()/256. The bq2060A makes the fixed reduction at a varying time interval that is adjusted to
achieve the desired self-discharge rate. This method maintains a constant granularity of 0.39% for each
self-discharge adjustment, which may be performed multiple times per day, instead of once per day with a
potentially large reduction.
The self-discharge estimation rate for 25
°C is doubled for each 10 degrees above 25°C or halved for each 10
degrees below 25
°C. The following table shows the relation of the self-discharge estimation at a given
temperature to the rate programmed for 25
°C (Y% per day):
TEMPERATURE( C)
SELF-DISCHARGE RATE
Temp
< 10
1/4Y% per day
10
≤ Temp < 20
½ Y% per day
20
≤ Temp < 30
Y% per day
30
≤ Temp < 40
2Y% per day
40
≤ Temp < 50
4Y% per day
50
≤ Temp < 60
8Y% per day
60
≤ Temp < 70
16Y% per day
70
≤ Temp
32Y% per day
The interval at which RM is reduced is given by the following equation, where n is the appropriate factor of 2 (n =
1/ 4, 1/ 2, 1, 2 . . . ):
(2)
The timer that keeps track of the self-discharge update time is halted whenever charge activity is detected. The
timer is reset to zero if the bq2060A reaches the RemainingCapacity()=FullChargeCapacity() condition while
charging.
Example: If T = 35
°C (n = 2) and programmed self-discharge rate Y is 2.5 (2.5% per day at 25°C), the bq2060A
reduces RM by RM/256 (0.39%) every
(3)
This means that a 0.39% reduction of RM is made 12.8 times per day to achieve the desired 5% per day
reduction at 35
°C.
Figure 7 illustrates how the self-discharge estimate algorithm adjusts RemainingCapacity() vs. temperature.
Light Discharge or Suspend Current Compensation
The bq2060A can be configured in two ways to compensate for small discharge currents that produce a signal
below the digital filter. First, the bq2060A can decrement RM and DCR at a rate determined by the value stored
in Light Discharge Current EE 0x2b when it detects no discharge activity and the SMBC and SMBD lines are
high. Light Discharge Current has a range of 44
µA to 11.2 mA.
Alternatively, the bq2060A can be configured to disable the digital filter for discharge when the SMBC and SMBD
lines are high. In this way, the digital filter does not mask the leakage current signal. The bq2060A is configured
in this mode by setting the NDF bit in Control Mode.
Copyright
© 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): bq2060A


Similar Part No. - BQ2060A-E619DBQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2060A-E619DBQR TI-BQ2060A-E619DBQR Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
More results

Similar Description - BQ2060A-E619DBQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2063 TI1-BQ2063_15 Datasheet
1Mb / 60P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2084DBTR-V150 TI1-BQ2084DBTR-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2063 TI-BQ2063 Datasheet
740Kb / 58P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC WITH PROTECTOR INTERFACE
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com