Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BQ2016 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. BQ2016
Description  GAS GAUGE IC FOR HIGH DISCHARGE RATES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2016 Datasheet(HTML) 5 Page - Texas Instruments

  BQ2016 Datasheet HTML 1Page - Texas Instruments BQ2016 Datasheet HTML 2Page - Texas Instruments BQ2016 Datasheet HTML 3Page - Texas Instruments BQ2016 Datasheet HTML 4Page - Texas Instruments BQ2016 Datasheet HTML 5Page - Texas Instruments BQ2016 Datasheet HTML 6Page - Texas Instruments BQ2016 Datasheet HTML 7Page - Texas Instruments BQ2016 Datasheet HTML 8Page - Texas Instruments BQ2016 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
bq2016
GAS GAUGE IC FOR
HIGH DISCHARGE RATES
SLUS475A– JANUARY 2001 – REVISED NOVEMBER 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements
t(B)
t(BR)
Figure 1. Break Timing
t(CYCH)
t(STRH)
t(DSU)
t(DH)
t(SSU)
Write 0
Write 1
Figure 2. Host to bq2016
t(CYCB)
t(STRB)
t(DSUB)
t(DV)
t(SSUB)
Read 0
Read 1
Figure 3. bq2016 to Host
Break
Written by Host to bq2016
LSB
MSB
11
0
0
0
0
0
0
03h = 00000011
MSB
LSB
Received by Host from bq2016
10
1
0
0
1
1
0
65h = 0 1 1 0 0 1 0 1
MSB
LSB
0
1
2
3
4
5
6
7
CMDR = 03h
LSB
MSB
0
1
2
3
4
5
6
7
Data (NAC) = 65h
t(RSPS)
Figure 4. Typical Communication With the bq2016


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn