Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC174DG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74HC174DG4
Description  HEX D-TYPE FLIP-FLOPS WITH CLEAR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC174DG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74HC174DG4 Datasheet HTML 1Page - Texas Instruments SN74HC174DG4 Datasheet HTML 2Page - Texas Instruments SN74HC174DG4 Datasheet HTML 3Page - Texas Instruments SN74HC174DG4 Datasheet HTML 4Page - Texas Instruments SN74HC174DG4 Datasheet HTML 5Page - Texas Instruments SN74HC174DG4 Datasheet HTML 6Page - Texas Instruments SN74HC174DG4 Datasheet HTML 7Page - Texas Instruments SN74HC174DG4 Datasheet HTML 8Page - Texas Instruments SN74HC174DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SN54HC174, SN74HC174
HEX DTYPE FLIPFLOPS
WITH CLEAR
SCLS119D − DECEMBER 1982 − REVISED SEPTEMBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HC174
SN74HC174
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
6
4.2
5
fclock
Clock frequency
4.5 V
31
21
25
MHz
fclock
Clock frequency
6 V
36
25
29
MHz
2 V
80
120
100
CLR low
4.5 V
16
24
20
tw
Pulse duration
CLR low
6 V
14
20
17
ns
tw
Pulse duration
2 V
80
120
100
ns
CLK high or low
4.5 V
16
24
20
CLK high or low
6 V
14
20
17
2 V
100
150
125
Data
4.5 V
20
30
25
tsu
Setup time before CLK
Data
6 V
17
25
21
ns
tsu
Setup time before CLK
2 V
100
150
125
ns
CLR inactive
4.5 V
20
30
25
CLR inactive
6 V
17
25
21
2 V
0
0
0
th
Hold time, data after CLK
4.5 V
0
0
0
ns
th
Hold time, data after CLK
6 V
0
0
0
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC174
SN74HC174
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
6
9
4.2
5
fmax
4.5 V
31
44
21
25
MHz
fmax
6 V
36
50
25
29
MHz
2 V
58
160
240
200
CLR
Any
4.5 V
17
32
48
40
tpd
CLR
Any
6 V
14
27
41
34
ns
tpd
2 V
58
160
240
200
ns
CLK
Any
4.5 V
17
32
48
40
CLK
Any
6 V
14
27
41
34
2 V
38
75
110
90
tt
Any
4.5 V
8
15
22
19
ns
tt
Any
6 V
6
13
19
16
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per flip-flop
No load
27
pF


Similar Part No. - SN74HC174DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC174D TI-SN74HC174D Datasheet
92Kb / 6P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC174D TI1-SN74HC174D Datasheet
1Mb / 22P
[Old version datasheet]   Wide Operating Voltage Range of 2 V to 6 V, Outputs Can Drive Up To 10 LSTTL Loads
SN74HC174DBR TI-SN74HC174DBR Datasheet
1Mb / 22P
[Old version datasheet]   HEX D-TYPE ELIP-FLOPS WITH CLEAR
SN74HC174DBR TI1-SN74HC174DBR Datasheet
1Mb / 22P
[Old version datasheet]   Wide Operating Voltage Range of 2 V to 6 V, Outputs Can Drive Up To 10 LSTTL Loads
SN74HC174DR TI1-SN74HC174DR Datasheet
1Mb / 22P
[Old version datasheet]   Wide Operating Voltage Range of 2 V to 6 V, Outputs Can Drive Up To 10 LSTTL Loads
More results

Similar Description - SN74HC174DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV174A TI-SN54LV174A Datasheet
146Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC174 HITACHI-HD74HC174 Datasheet
51Kb / 9P
   Hex D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54AHC174 TI-SN54AHC174_07 Datasheet
584Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI1-SN54AHCT174_15 Datasheet
775Kb / 17P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
   Hex D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV174 TI-SN54LV174 Datasheet
155Kb / 8P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC174 TI-SN54HC174 Datasheet
92Kb / 6P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI-SN54AHCT174 Datasheet
101Kb / 6P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
CD54ACT174 TI-CD54ACT174 Datasheet
316Kb / 10P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Renesas Technology Corp
HD74HC174 RENESAS-HD74HC174 Datasheet
100Kb / 8P
   Hex D-type Flip-Flops (with Clear)
logo
Hitachi Semiconductor
HD74LV174A HITACHI-HD74LV174A Datasheet
64Kb / 15P
   Hex D-type Flip-Flops with Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com