Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVTH18512-EP Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74LVTH18512-EP
Description  3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVTH18512-EP Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LVTH18512-EP Datasheet HTML 5Page - Texas Instruments SN74LVTH18512-EP Datasheet HTML 6Page - Texas Instruments SN74LVTH18512-EP Datasheet HTML 7Page - Texas Instruments SN74LVTH18512-EP Datasheet HTML 8Page - Texas Instruments SN74LVTH18512-EP Datasheet HTML 9Page - Texas Instruments SN74LVTH18512-EP Datasheet HTML 10Page - Texas Instruments SN74LVTH18512-EP Datasheet HTML 11Page - Texas Instruments SN74LVTH18512-EP Datasheet HTML 12Page - Texas Instruments SN74LVTH18512-EP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
SN74LVTH18512EP, SN74LVTH182512EP
3.3V ABT SCAN TEST DEVICES
WITH 18BIT UNIVERSAL BUS TRANSCEIVERS
SCBS790 − NOVEMBER 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
register overview
With the exception of the bypass and device-identification registers, any test register can be thought of as a
serial shift register with a shadow latch on each bit. The bypass and device-identification registers differ in that
they contain only a shift register. During the appropriate capture state (Capture-IR for instruction register,
Capture-DR for data registers), the shift register can be parallel loaded from a source specified by the current
instruction. During the appropriate shift state (Shift-IR or Shift-DR), the contents of the shift register are shifted
out from TDO while new contents are shifted in at TDI. During the appropriate update state (Update-IR or
Update-DR), the shadow latches are updated from the shift register.
instruction register description
The instruction register (IR) is eight bits long and tells the device what instruction is to be executed. Information
contained in the instruction includes the mode of operation (either normal mode, in which the device performs
its normal logic function, or test mode, in which the normal logic function is inhibited or altered), the test operation
to be performed, which of the four data registers is to be selected for inclusion in the scan path during
data-register scans, and the source of data to be captured into the selected data register during Capture-DR.
Table 3 lists the instructions supported by the SN74LVTH18512 and SN74LVTH182512. The even-parity
feature specified for SCOPE
 devices is supported in this device. Bit 7 of the instruction opcode is the parity
bit. Any instructions that are defined for SCOPE
 devices, but are not supported by this device, default to
BYPASS.
During Capture-IR, the IR captures the binary value 10000001. As an instruction is shifted in, this value is shifted
out via TDO and can be inspected as verification that the IR is in the scan path. During Update-IR, the value
that has been shifted into the IR is loaded into shadow latches. At this time, the current instruction is updated,
and any specified mode change takes effect. At power up or in the Test-Logic-Reset state, the IR is reset to the
binary value 10000001, which selects the IDCODE instruction. The IR order of scan is shown in Figure 2.
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
TDO
TDI
Bit 7
Parity
(MSB)
Bit 0
(LSB)
Figure 2. Instruction Register Order of Scan


Similar Part No. - SN74LVTH18512-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH18512 TI-SN74LVTH18512 Datasheet
562Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18512 TI-SN74LVTH18512 Datasheet
703Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18512DGG TI-SN74LVTH18512DGG Datasheet
562Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18512DGGR TI-SN74LVTH18512DGGR Datasheet
562Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18512DGGR TI-SN74LVTH18512DGGR Datasheet
703Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com