Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVTH18512-EP Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVTH18512-EP
Description  3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVTH18512-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVTH18512-EP Datasheet HTML 2Page - Texas Instruments SN74LVTH18512-EP Datasheet HTML 3Page - Texas Instruments SN74LVTH18512-EP Datasheet HTML 4Page - Texas Instruments SN74LVTH18512-EP Datasheet HTML 5Page - Texas Instruments SN74LVTH18512-EP Datasheet HTML 6Page - Texas Instruments SN74LVTH18512-EP Datasheet HTML 7Page - Texas Instruments SN74LVTH18512-EP Datasheet HTML 8Page - Texas Instruments SN74LVTH18512-EP Datasheet HTML 9Page - Texas Instruments SN74LVTH18512-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
SN74LVTH18512EP, SN74LVTH182512EP
3.3V ABT SCAN TEST DEVICES
WITH 18BIT UNIVERSAL BUS TRANSCEIVERS
SCBS790 − NOVEMBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
test architecture
Serial-test information is conveyed by means of a 4-wire test bus, or TAP, that conforms to IEEE Std
1149.1-1990. Test instructions, test data, and test control signals all are passed along this serial-test bus. The
TAP controller monitors two signals from the test bus, TCK and TMS. The TAP controller extracts the
synchronization (TCK) and state control (TMS) signals from the test bus and generates the appropriate on-chip
control signals for the test structures in the device. Figure 1 shows the TAP-controller state diagram.
The TAP controller is fully synchronous to the TCK signal. Input data is captured on the rising edge of TCK and
output data changes on the falling edge of TCK. This scheme ensures data to be captured is valid for fully
one-half of the TCK cycle.
The functional block diagram shows the IEEE Std 1149.1-1990 4-wire test bus and boundary-scan architecture
and the relationship among the test bus, the TAP controller, and the test registers. As shown, the device contains
an 8-bit instruction register and four test-data registers: a 48-bit boundary-scan register, a 3-bit
boundary-control register, a 1-bit bypass register, and a 32-bit device identification register.
Test-Logic-Reset
Run-Test/Idle
Select-DR-Scan
Capture-DR
Shift-DR
Exit1-DR
Pause-DR
Update-DR
TMS = L
TMS = L
TMS = H
TMS = L
TMS = H
TMS = H
TMS = L
TMS = H
TMS = L
TMS = L
TMS = H
TMS = L
Exit2-DR
Select-IR-Scan
Capture-IR
Shift-IR
Exit1-IR
Pause-IR
Update-IR
TMS = L
TMS = L
TMS = H
TMS = L
TMS = H
TMS = H
TMS = L
TMS = H
TMS = L
Exit2-IR
TMS = L
TMS = H
TMS = H
TMS = H
TMS = L
TMS = H
TMS = L
TMS = H
TMS = H
TMS = H
TMS = L
Figure 1. TAP-Controller State Diagram


Similar Part No. - SN74LVTH18512-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH18512 TI-SN74LVTH18512 Datasheet
562Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18512 TI-SN74LVTH18512 Datasheet
703Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18512DGG TI-SN74LVTH18512DGG Datasheet
562Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18512DGGR TI-SN74LVTH18512DGGR Datasheet
562Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18512DGGR TI-SN74LVTH18512DGGR Datasheet
703Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com