Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LS243 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS243
Description  QUADRUPLE BUS TRANSCEIVERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS243 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LS243 Datasheet HTML 1Page - Texas Instruments SN74LS243 Datasheet HTML 2Page - Texas Instruments SN74LS243 Datasheet HTML 3Page - Texas Instruments SN74LS243 Datasheet HTML 4Page - Texas Instruments SN74LS243 Datasheet HTML 5Page - Texas Instruments SN74LS243 Datasheet HTML 6Page - Texas Instruments SN74LS243 Datasheet HTML 7Page - Texas Instruments SN74LS243 Datasheet HTML 8Page - Texas Instruments SN74LS243 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Apr-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
80020022A
OBSOLETE
20
TBD
Call TI
Call TI
-55 to 125
8002002CA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
8002002CA
SNJ54LS243J
8002002DA
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
8002002DA
SNJ54LS243W
SN54LS243J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SN54LS243J
SN74LS243D
ACTIVE
SOIC
D
14
50
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
LS243
SN74LS243DR
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
LS243
SN74LS243J
OBSOLETE
CDIP
J
14
TBD
Call TI
Call TI
0 to 70
SN74LS243N
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
0 to 70
SN74LS243N
SN74LS243N3
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
0 to 70
SN74LS243NE4
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
0 to 70
SN74LS243N
SNJ54LS243FK
OBSOLETE
20
TBD
Call TI
Call TI
-55 to 125
SNJ54LS243J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
8002002CA
SNJ54LS243J
SNJ54LS243W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
8002002DA
SNJ54LS243W
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.


Similar Part No. - SN74LS243

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN74LS243 MOTOROLA-SN74LS243 Datasheet
171Kb / 5P
   QUAD BUS TRANSCEIVER
logo
Texas Instruments
SN74LS243 TI-SN74LS243 Datasheet
135Kb / 4P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN74LS243D TI-SN74LS243D Datasheet
135Kb / 4P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
logo
Motorola, Inc
SN74LS243DW MOTOROLA-SN74LS243DW Datasheet
171Kb / 5P
   QUAD BUS TRANSCEIVER
SN74LS243N MOTOROLA-SN74LS243N Datasheet
171Kb / 5P
   QUAD BUS TRANSCEIVER
More results

Similar Description - SN74LS243

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS242 TI-SN54LS242 Datasheet
135Kb / 4P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN55138 TI-SN55138 Datasheet
243Kb / 13P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN55138 TI1-SN55138_14 Datasheet
952Kb / 24P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
AM26S10C TI-AM26S10C Datasheet
124Kb / 7P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
REVISED MARCH 1997
AM26S10C TI-AM26S10C_08 Datasheet
540Kb / 13P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN54LS440 TI-SN54LS440 Datasheet
288Kb / 7P
[Old version datasheet]   QUADRUPLE TRIDIRECTIONAL BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD74LS242 RENESAS-HD74LS242 Datasheet
190Kb / 7P
   Quadruple Bus Transceivers (with three-state outputs)
HD74LS243 RENESAS-HD74LS243 Datasheet
184Kb / 7P
   Quadruple Bus Transceivers (with three-state outputs)
logo
Texas Instruments
SN54LS446 TI-SN54LS446 Datasheet
230Kb / 7P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH INDIVIDUAL DIRECTION CONTROLS
SN54F243 TI-SN54F243 Datasheet
74Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com