Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7842EG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7842EG4
Description  ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7842EG4 Datasheet(HTML) 2 Page - Texas Instruments

  ADS7842EG4 Datasheet HTML 1Page - Texas Instruments ADS7842EG4 Datasheet HTML 2Page - Texas Instruments ADS7842EG4 Datasheet HTML 3Page - Texas Instruments ADS7842EG4 Datasheet HTML 4Page - Texas Instruments ADS7842EG4 Datasheet HTML 5Page - Texas Instruments ADS7842EG4 Datasheet HTML 6Page - Texas Instruments ADS7842EG4 Datasheet HTML 7Page - Texas Instruments ADS7842EG4 Datasheet HTML 8Page - Texas Instruments ADS7842EG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADS7842
SBAS103C
2
www.ti.com
PIN
NAME
DESCRIPTION
1
AIN0
Analog Input Channel 0
2
AIN1
Analog Input Channel 1
3
AIN2
Analog Input Channel 2
4
AIN3
Analog Input Channel 3
5VREF
Voltage Reference Input. See Electrical Characteris-
tics Tables for ranges.
6
AGND
Analog Ground
7
DB11
Data Bit 11 (MSB)
8
DB10
Data Bit 10
9
DB9
Data Bit 9
10
DB8
Data Bit 8
11
DB7
Data Bit 7
12
DB6
Data Bit 6
13
DB5
Data Bit 5
14
DGND
Digital Ground
15
DB4
Data Bit 4
16
DB3
Data Bit 3
17
DB2
Data Bit 2
18
DB1
Data Bit 1
19
DB0
Data Bit 0 (LSB)
20
RD
Read Input. Active LOW. Reads the data outputs in
combination with CS.
21
CS
Chip Select Input. Active LOW. The combination of
CS taken LOW and WR taken LOW initiates a new
conversion and places the outputs in the tri-state
mode.
22
WR
Write Input. Active LOW. Starts a new conversion
and selects an analog channel via address inputs A0
and A1, in combination with CS.
23
BUSY
BUSY goes LOW and stays LOW during a
conversion. BUSY rises when a conversion is
complete and enables the parallel outputs.
24
CLK
External Clock Input. The clock speed determines the
conversion rate by the equation fCLK = 16 • fSAMPLE.
25, 26
A0, A1
Address Inputs. Selects one of four analog input
channels in combination with CS and WR. The
address inputs are latched on the rising edge of
either RD or WR.
A1
A0
Channel Selected
0
0
AIN0
0
1
AIN1
1
0
AIN2
1
1
AIN3
27
VDIG
Digital Supply Input. Nominally +5V.
28
VANA
Analog Supply Input. Nominally +5V.
MINIMUM
RELATIVE
SPECIFIED
ACCURACY
SINAD
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
(LSB)
(dB)
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS7842E
±2
68
SSOP-28
DB
–40
°C to +85°C
ADS7842E
ADS7842E
Rails, 48
""
"
"
"
"
"
ADS7842E/1K
Tape and Reel, 1000
ADS7842EB
±1
70
SSOP-28
DB
–40
°C to +85°C
ADS7842EB
ADS7842EB
Rails, 48
""
"
"
"
"
"
ADS7842EB/1K
Tape and Reel, 1000
ABSOLUTE MAXIMUM RATINGS(1)
+VCC to GND ........................................................................ –0.3V to +6V
Analog Inputs to GND ............................................ –0.3V to +VCC + 0.3V
Digital Inputs to GND ........................................................... –0.3V to +6V
Power Dissipation .......................................................................... 250mW
Maximum Junction Temperature ................................................... +150
°C
Operating Temperature Range ........................................ –40
°C to +85°C
Storage Temperature Range ......................................... –65
°C to +150°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PACKAGE/ORDERING INFORMATION
PIN CONFIGURATION
Top View
SSOP
PIN DESCRIPTIONS
1
2
3
4
5
6
7
8
8
10
11
12
13
14
AIN0
AIN1
AIN2
AIN3
V
REF
AGND
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DGND
V
ANA
V
DIG
A1
A0
CLK
BUSY
WR
CS
RD
DB0
DB1
DB2
DB3
DB4
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS7842E
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.


Similar Part No. - ADS7842EG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7842E BURR-BROWN-ADS7842E Datasheet
139Kb / 13P
   12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7842EB BURR-BROWN-ADS7842EB Datasheet
139Kb / 13P
   12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7842EG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com