Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7827 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7827
Description  ANALOG-TO-DIGITAL CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7827 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7827 Datasheet HTML 7Page - Texas Instruments ADS7827 Datasheet HTML 8Page - Texas Instruments ADS7827 Datasheet HTML 9Page - Texas Instruments ADS7827 Datasheet HTML 10Page - Texas Instruments ADS7827 Datasheet HTML 11Page - Texas Instruments ADS7827 Datasheet HTML 12Page - Texas Instruments ADS7827 Datasheet HTML 13Page - Texas Instruments ADS7827 Datasheet HTML 14Page - Texas Instruments ADS7827 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
www.ti.com
Reference Voltage - V
11
10.75
10.25
0.1
1
11.25
11.5
12
10
11.75
10.5
10
VCC = 5 V
Change in Integral
Linearity - LSB
Change in Differential
Linearity - LSB
VCC = 5 V
Reference Voltage - V
0.05
- 0.05
1
2
3
4
0.10
0.20
5
0.15
0
- 0.10
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
f − Frequency − kHz
Spurious Free Dynamic Range
Signal-To-Noise
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
f - frequency - kHz
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
f − Frequency − kHz
Spurious Free Dynamic Range
Signal-To-Noise
- 100
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
1
10
100
1000
f - Frequency - kHz
ADS7826
ADS7827
ADS7829
SLAS388 – JUNE 2003
TYPICAL CHARACTERISTICS (continued)
At T
A = 25°C, VCC = 2.7 V, Vref = 25 V, (unless otherwise specified)
ADS7829
CHANGE IN INTEGRAL and
ADS7829
DIFFERENTIAL LINEARITY
EFFECTIVE NUMBER OF BITS
vs
vs
REFERENCE VOLTAGE
REFERENCE VOLTAGE
Figure 25.
Figure 26.
ADS7829
SPURIOUS FREE DYNAMIC RANGE
ADS7829
and SIGNAL-TO-NOISE RATIO
SIGNAL-TO-NOISE + DISTORTION
vs
vs
SAMPLE FREQUENCY
FREQUENCY
Figure 27.
Figure 28.
ADS7826
ADS7829
SPURIOUS FREE DYNAMIC RANGE
TOTAL HARMONIC DISTORTION
and SIGNAL-TO-NOISE RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 29.
Figure 30.
11


Similar Part No. - ADS7827

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7827 TI-ADS7827 Datasheet
483Kb / 20P
[Old version datasheet]   10/8/12-BIT HIGH SPEED 2.7 V microPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7827I TI-ADS7827I Datasheet
483Kb / 20P
[Old version datasheet]   10/8/12-BIT HIGH SPEED 2.7 V microPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7827IDRBR TI-ADS7827IDRBR Datasheet
483Kb / 20P
[Old version datasheet]   10/8/12-BIT HIGH SPEED 2.7 V microPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7827IDRBT TI-ADS7827IDRBT Datasheet
483Kb / 20P
[Old version datasheet]   10/8/12-BIT HIGH SPEED 2.7 V microPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7827

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com