Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7767-776-00005N Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # 7767-776-00005N
Description  FIBER OPTIC JACK FIELD 32 POSITION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

7767-776-00005N Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  7767-776-00005N Datasheet HTML 1Page - Winchester Electronics Corporation 7767-776-00005N Datasheet HTML 2Page - Winchester Electronics Corporation 7767-776-00005N Datasheet HTML 3Page - Winchester Electronics Corporation 7767-776-00005N Datasheet HTML 4Page - Winchester Electronics Corporation 7767-776-00005N Datasheet HTML 5Page - Winchester Electronics Corporation 7767-776-00005N Datasheet HTML 6Page - Winchester Electronics Corporation 7767-776-00005N Datasheet HTML 7Page - Winchester Electronics Corporation 7767-776-00005N Datasheet HTML 8Page - Winchester Electronics Corporation 7767-776-00005N Datasheet HTML 9Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
19.00 482.60
2.59 65.79
2X (2.09
)
53.09
2X (1.39
)
35.31
32X (.400
)
10.16
8X (.250
)
6.35
18.40 467.36
A
FRONT VIEW
TOP
POSITION 32
POSITION 1
2.15 54.61
REAR VIEW
TOP
POSITION 32
POSITION 1
NORMAL
SIDE
PATCH
SIDE
PATCHED CONNECTION
EITHER PATCH CORD INSERTED
OPTICAL CONNECTION DIAGRAM
NORMAL THRU CONNECTION
NO PATCHCORD INSERTED
PATCH
SIDE
NORMAL
SIDE
DETAIL A
SCALE 1 : 1
CATALOG P/N: 7767-776-00005P
NOTES: UNLESS OTHERWISE SPECIFIED
MATERIAL SPECIFICATIONS:
PANEL: PHENOLIC BODY, ALUMINIM BRACKETS AND PLASTIC LABEL MOUNTS
ALL METAL PARTS: STAINLESS STEEL PER ASTM A582
2. FINISH SPECIFICATIONS:
BRACKETS: BLACK
ALL OTHER METAL PARTS: PASSIVATE PER ASTM A967 (RoHS)
3. OPTICAL SPECIFICATIONS (PER POSITION):
INSERTION LOSS: 1.5dB TYP.
RETURN LOSS: 45 dB MAX.
A
FIBER OPTIC JACK FIELD
32 POSITION
BY
DATE APPD
REVISED
DRAWING
ER26258
DESCRIPTION
05
REV
03/17/10
DRK
DATE
APPROVED
03/17/10
JCF
DATE
APPROVED
03/17/10
WPM
DATE
APPROVED
03/16/10
PSM
DATE
DRAWN
CUSTOMER
SALES DRAWING
PER ASME Y14.5M-1994
UNLESS OTHERWISE SPECIFIED:
DIMENSIONS ARE IN INCHES [MM]
TOLERANCES:
DECIMAL: .XX [X.X] ± .01 [0.3]
.XXX [X.XX] ± .005 [0.13]
.XXXX [X.XXX] ± .XXXX
ANGLES: ± 2°
SCALE: 1:2
SHT
REV
OF
05
1 1
SD7767-776-00005P
Winchester Electronics Corporation
62 Barnes Industrial Road North
Wallingford, Connecticut 06492
THIRD
ANGLE
DMF026 B


Similar Part No. - 7767-776-00005N

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
7767-776-00006N WINCHESTER-7767-776-00006N Datasheet
1Mb / 9P
   FIBER OPTIC JACK FIELD 32 POSITION
More results

Similar Description - 7767-776-00005N

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
7767-776-00006N WINCHESTER-7767-776-00006N Datasheet
1Mb / 9P
   FIBER OPTIC JACK FIELD 32 POSITION
7769-776-00002Z WINCHESTER-7769-776-00002Z Datasheet
1Mb / 9P
   FIBER OPTIC JACK FIELD 32 POSITION
7769-776-00007Z WINCHESTER-7769-776-00007Z Datasheet
1Mb / 9P
   FIBER OPTIC JACK FIELD 32 POSITION
SD7767-776-00005P WINCHESTER-SD7767-776-00005P Datasheet
1Mb / 9P
   FIBER OPTIC JACK FIELD 32 POSITION
7769-776-00001Z WINCHESTER-7769-776-00001Z Datasheet
1Mb / 9P
   FIBER OPTIC JACK FIELD 32 POSITION
776G-099-00701N WINCHESTER-776G-099-00701N Datasheet
1Mb / 9P
   FIBER OPTIC JACK FIELD 32 POSITION
776G-776-00001N WINCHESTER-776G-776-00001N Datasheet
1Mb / 9P
   FIBER OPTIC JACK FIELD 32 POSITION
7769-776-00005Z WINCHESTER-7769-776-00005Z Datasheet
1Mb / 9P
   FIBER OPTIC JACK FIELD 32 POSITION
7769-776-00003Z WINCHESTER-7769-776-00003Z Datasheet
1Mb / 9P
   FIBER OPTIC JACK FIELD 32 POSITION
logo
PANDUIT CORP.
FLCSMCXAQY PANDUIT-FLCSMCXAQY Datasheet
142Kb / 3P
   LC Fiber Optic Connectors . Field Polish Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com