Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT11379N Datasheet(PDF) 2 Page - Texas Instruments

Part # 74ACT11379N
Description  QUAD D- TYPE FLIP FLOP WITH DATA ENABLE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11379N Datasheet(HTML) 2 Page - Texas Instruments

  74ACT11379N Datasheet HTML 1Page - Texas Instruments 74ACT11379N Datasheet HTML 2Page - Texas Instruments 74ACT11379N Datasheet HTML 3Page - Texas Instruments 74ACT11379N Datasheet HTML 4Page - Texas Instruments 74ACT11379N Datasheet HTML 5Page - Texas Instruments 74ACT11379N Datasheet HTML 6Page - Texas Instruments 74ACT11379N Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
74AC11379
QUAD D-TYPE FLIP-FLOP
WITH CLOCK ENABLE
SCAS104 − MARCH 1990 − REVISED APRIL 1993
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
logic diagram (positive logic)
3Q
2Q
1Q
1D
C1
1D
C1
1D
C1
1D
C1
4Q
4Q
3Q
3Q
2Q
2Q
1Q
1Q
4D
3D
2D
1D
CLK
CLKEN
13
14
17
18
12
19
11
10
9
8
3
2
1
20
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
G1
19
12
CLK
2D
18
1D
1C2
1Q
20
1
17
2D
2Q
2
3
14
3D
3Q
8
9
13
4D
4Q
10
11
CLKEN
4Q
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND pins
±150 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.


Similar Part No. - 74ACT11379N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ACT11379N PHILIPS-74ACT11379N Datasheet
230Kb / 8P
   QUAD D- TYPE FLIP FLOP WITH DATA ENABLE
October 1990
logo
Texas Instruments
74ACT11379N TI1-74ACT11379N Datasheet
98Kb / 6P
[Old version datasheet]   QUAD D-TYPE FLIP-FLOP WITH CLOCK ENABLE
More results

Similar Description - 74ACT11379N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AC11379 PHILIPS-74AC11379 Datasheet
230Kb / 8P
   QUAD D- TYPE FLIP FLOP WITH DATA ENABLE
October 1990
logo
Texas Instruments
74ACT11379 TI1-74ACT11379 Datasheet
98Kb / 6P
[Old version datasheet]   QUAD D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
   OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
logo
NXP Semiconductors
74AC11377 PHILIPS-74AC11377 Datasheet
177Kb / 7P
   OCTAL D TYPE FLIP FLOP WITH ENABLE
July 30 1990
74ABT377A PHILIPS-74ABT377A Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
74F377A PHILIPS-74F377A Datasheet
84Kb / 10P
   Octal D-type flip-flop with enable
1996 Mar 12
logo
Texas Instruments
74AC11377 TI1-74AC11377_10 Datasheet
107Kb / 8P
[Old version datasheet]   OCTAL D TYPE FLIP FLOP WITH ENABLE
logo
NXP Semiconductors
74AHC377 PHILIPS-74AHC377 Datasheet
101Kb / 20P
   Octal D-type flip-flop with data enable; positive-edge trigger
2000 Aug 15
logo
Nexperia B.V. All right...
74AHCT377 NEXPERIA-74AHCT377 Datasheet
601Kb / 16P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02 - 12 June 2008
logo
NXP Semiconductors
74LV377 PHILIPS-74LV377 Datasheet
114Kb / 12P
   Octal D-type flip-flop with data enable; positive edge-trigger
1998 Jun 10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com