Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC11590 Datasheet(PDF) 5 Page - Texas Instruments

Part # 74AC11590
Description  8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11590 Datasheet(HTML) 5 Page - Texas Instruments

  74AC11590 Datasheet HTML 1Page - Texas Instruments 74AC11590 Datasheet HTML 2Page - Texas Instruments 74AC11590 Datasheet HTML 3Page - Texas Instruments 74AC11590 Datasheet HTML 4Page - Texas Instruments 74AC11590 Datasheet HTML 5Page - Texas Instruments 74AC11590 Datasheet HTML 6Page - Texas Instruments 74AC11590 Datasheet HTML 7Page - Texas Instruments 74AC11590 Datasheet HTML 8Page - Texas Instruments 74AC11590 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74AC11590
8BIT BINARY COUNTER
WITH REGISTERED 3STATE OUTPUTS
SCAS194 − D3988, MARCH 1992 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−5
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25
°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
3 V
2.9
2.9
IOH = − 50 µA
4.5 V
4.4
4.4
IOH = − 50 µA
5.5 V
5.4
5.4
VOH
IOH = − 4 mA
3 V
2.58
2.48
V
VOH
IOL = − 24 mA
4.5 V
3.94
3.8
V
IOL = − 24 mA
5.5 V
4.94
4.8
IOH = − 75 mA†
5.5 V
3.85
3 V
0.1
0.1
IOL = 50 µA
4.5 V
0.1
0.1
IOL = 50 µA
5.5 V
0.1
0.1
VOL
IOL = 12 mA
3 V
0.36
0.44
V
VOL
IOL = 24 mA
4.5 V
0.36
0.44
V
IOL = 24 mA
5.5 V
0.36
0.44
IOL = 75 mA†
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
µA
IOZ
VO = VCC or GND
5.5 V
±0.5
±5
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
80
µA
Ci
VI = VCC or GND
5 V
3
pF
Co
VO = VCC or GND
5 V
11
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency, CCK or RCK
0
50
0
50
MHz
tw
Pulse duration
CCK or RCK high or low
10
10
ns
tw
Pulse duration
CCLR low
7.4
7.4
ns
CCKEN low before CCK
5.2
5.2
tsu
Setup time
CCLR high before CCK
3.4
3.4
ns
tsu
Setup time
CCK
↑ before RCK↑‡
8.1
8.1
ns
th
Hold time
CCKEN low after CCK
0
0
ns
‡ This setup time ensures that the register will see stable data from the counter outputs. The clocks may be tied together, in which case the register
will be one clock pulse behind the counter.


Similar Part No. - 74AC11590

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11590 TI-74AC11590 Datasheet
124Kb / 9P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
74AC11590DW TI-74AC11590DW Datasheet
124Kb / 9P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
74AC11590DWR TI-74AC11590DWR Datasheet
124Kb / 9P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
74AC11590N TI-74AC11590N Datasheet
124Kb / 9P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
More results

Similar Description - 74AC11590

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11590 TI-74AC11590 Datasheet
124Kb / 9P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Fairchild Semiconductor
74F579 FAIRCHILD-74F579_00 Datasheet
84Kb / 8P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590 Datasheet
121Kb / 10P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Fairchild Semiconductor
74F579 FAIRCHILD-74F579 Datasheet
71Kb / 7P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
logo
Texas Instruments
74ACT11590 TI1-74ACT11590_16 Datasheet
689Kb / 17P
[Old version datasheet]   8-BIT BINART COUNTER WITH REGISTERED 3-STATE OUTPUTS
74ACT11590 TI1-74ACT11590 Datasheet
411Kb / 15P
[Old version datasheet]   8-BIT BINART COUNTER WITH REGISTERED 3-STATE OUTPUTS
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
   8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F779 FAIRCHILD-74F779 Datasheet
74Kb / 7P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com