Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC11240 Datasheet(PDF) 3 Page - Texas Instruments

Part # 74AC11240
Description  OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11240 Datasheet(HTML) 3 Page - Texas Instruments

  74AC11240_15 Datasheet HTML 1Page - Texas Instruments 74AC11240_15 Datasheet HTML 2Page - Texas Instruments 74AC11240_15 Datasheet HTML 3Page - Texas Instruments 74AC11240_15 Datasheet HTML 4Page - Texas Instruments 74AC11240_15 Datasheet HTML 5Page - Texas Instruments 74AC11240_15 Datasheet HTML 6Page - Texas Instruments 74AC11240_15 Datasheet HTML 7Page - Texas Instruments 74AC11240_15 Datasheet HTML 8Page - Texas Instruments 74AC11240_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
74AC11240
OCTAL BUFFER/LINE DRIVER
WITH 3-STATE OUTPUTS
SCAS448A – MAY 1987 – REVISED APRIL 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
5
5.5
V
VCC = 3 V
2.1
VIH
High-level input voltage
VCC = 4.5 V
3.15
V
VCC = 5.5 V
3.85
VCC = 3 V
0.9
VIL
Low-level input voltage
VCC = 4.5 V
1.35
V
VCC = 5.5 V
1.65
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 3 V
–4
IOH
High-level output current
VCC = 4.5 V
–24
mA
VCC = 5.5 V
–24
VCC = 3 V
12
IOL
Low-level output current
VCC = 4.5 V
24
mA
VCC = 5.5 V
24
∆t/∆v
Input transition rise or fall rate
OE
0
5
ns/V
∆t/∆v
Input transition rise or fall rate
Data
0
10
ns/V
TA
Operating free-air temperature
–40
85
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
3 V
2.9
2.9
IOH = –50 mA
4.5 V
4.4
4.4
5.5 V
5.4
5.4
VOH
IOH = –4 mA
3 V
2.58
2.48
V
IOH =24 mA
4.5 V
3.94
3.8
IOH = –24 mA
5.5 V
4.94
4.8
IOH = –75 mA{
5.5 V
3.85
3 V
0.1
0.1
IOL = 50 mA
4.5 V
0.1
0.1
5.5 V
0.1
0.1
VOL
IOL = 12 mA
3 V
0.36
0.44
V
IOL =24mA
4.5 V
0.36
0.44
IOL = 24 mA
5.5 V
0.36
0.44
IOL = 75 mA{
5.5 V
1.65
IOZ
VO = VCC or GND
5.5 V
±0.5
±5
mA
II
VI = VCC or GND
5.5 V
±0.1
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
80
mA
Ci
VI = VCC or GND
5 V
4
pF
CO
VO = VCC or GND
5 V
10
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.


Similar Part No. - 74AC11240_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11240DB TI-74AC11240DB Datasheet
96Kb / 6P
[Old version datasheet]   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
74AC11240DBLE TI-74AC11240DBLE Datasheet
96Kb / 6P
[Old version datasheet]   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
74AC11240DBR TI-74AC11240DBR Datasheet
96Kb / 6P
[Old version datasheet]   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
74AC11240DBRG4 TI-74AC11240DBRG4 Datasheet
96Kb / 6P
[Old version datasheet]   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
74AC11240DW TI-74AC11240DW Datasheet
96Kb / 6P
[Old version datasheet]   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
More results

Similar Description - 74AC11240_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com