Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC11241 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74AC11241
Description  OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11241 Datasheet(HTML) 4 Page - Texas Instruments

  74AC11241 Datasheet HTML 1Page - Texas Instruments 74AC11241 Datasheet HTML 2Page - Texas Instruments 74AC11241 Datasheet HTML 3Page - Texas Instruments 74AC11241 Datasheet HTML 4Page - Texas Instruments 74AC11241 Datasheet HTML 5Page - Texas Instruments 74AC11241 Datasheet HTML 6Page - Texas Instruments 74AC11241 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
54AC11241, 74AC11241
OCTAL BUFFERS/LINE DRIVERS
WITH 3STATE OUTPUTS
SCAS032A − JULY 1987 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−4
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54AC11241
74AC11241
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.5
7
10
1.5
12.2
1.5
11.4
ns
tPHL
A
Y
1.5
6.2
8.4
1.5
10.2
1.5
9.2
ns
tPZH
G or G
Y
1.5
7.8
11.4
1.5
13.8
1.5
12.9
ns
tPZL
G or G
Y
1.5
7.7
10.6
1.5
12.6
1.5
11.7
ns
tPHZ
G or G
Y
1.5
5.8
7.6
1.5
8.2
1.5
7.9
ns
tPLZ
G or G
Y
1.5
7.1
9.3
1.5
10.3
1.5
9.9
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54AC11241
74AC11241
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
1.5
4.9
7.1
1.5
8.5
1.5
8
ns
tPHL
A
Y
1.5
4.5
6.3
1.5
7.2
1.5
6.8
ns
tPZH
G or G
Y
1.5
5.4
8
1.5
9.7
1.5
9
ns
tPZL
G or G
Y
1.5
5.3
7.6
1.5
9
1.5
8.4
ns
tPHZ
G or G
Y
1.5
4.9
6.6
1.5
7.2
1.5
6.9
ns
tPLZ
G or G
Y
1.5
5.6
7.5
1.5
8.3
1.5
8
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per buffer
Outputs enabled
CL = 50 pF,
f = 1 MHz
26
pF
Cpd
Power dissipation capacitance per buffer
Outputs disabled
CL = 50 pF,
f = 1 MHz
10
pF


Similar Part No. - 74AC11241

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11241 TI-74AC11241 Datasheet
93Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
74AC11241DW TI-74AC11241DW Datasheet
93Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
74AC11241DWR TI-74AC11241DWR Datasheet
93Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
74AC11241NT TI-74AC11241NT Datasheet
93Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74AC11241

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Renesas Technology Corp
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
HD74HC540 RENESAS-HD74HC540_15 Datasheet
132Kb / 11P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Hitachi Semiconductor
HD74BC244A HITACHI-HD74BC244A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74LVC244A HITACHI-HD74LVC244A Datasheet
47Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74LVC540A HITACHI-HD74LVC540A Datasheet
48Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com