Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54AC11241 Datasheet(PDF) 1 Page - Texas Instruments

Part # 54AC11241
Description  OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

54AC11241 Datasheet(HTML) 1 Page - Texas Instruments

  54AC11241_09 Datasheet HTML 1Page - Texas Instruments 54AC11241_09 Datasheet HTML 2Page - Texas Instruments 54AC11241_09 Datasheet HTML 3Page - Texas Instruments 54AC11241_09 Datasheet HTML 4Page - Texas Instruments 54AC11241_09 Datasheet HTML 5Page - Texas Instruments 54AC11241_09 Datasheet HTML 6Page - Texas Instruments 54AC11241_09 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
54AC11241, 74AC11241
OCTAL BUFFERS/LINE DRIVERS
WITH 3STATE OUTPUTS
SCAS032A − JULY 1987 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
2−1
3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
Flow-Through Architecture Optimizes
PCB Layout
Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
500-mA Typical Latch-Up Immunity
at 125
°C
Package Options Include Plastic Small-
Outline Packages, Plastic Shrink
Small-Outline Packages, Ceramic Chip
Carriers, and Standard Plastic and Ceramic
300-mil DIPs
description
This octal buffer or line driver is designed
specifically to improve both the performance
and density of three-state memory address
drivers, clock drivers, and bus-oriented receivers
and transmitters.
Taken together with the
AC11240 and AC11244, these devices provide
the choice of selected combinations of inverting
and noninverting outputs, symmetrical G (active-
low output control) inputs, and complementary
G and G inputs.
This device features a high
fan-out.
The 54AC11241 is characterized for operation
over the full military temperature range of − 55
°C
to 125
°C. The 74AC11241 is characterized for
operation from − 40
°C to 85°C.
FUNCTION TABLE
OUTPUT
CONTROL
1G
DATA
INPUT
1A
OUTPUT
1Y
OUTPUT
CONTROL
2G
DATA
INPUT
2A
OUTPUT
2Y
H
X
Z
L
X
Z
L
L
L
H
L
L
L
H
H
H
H
H
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1Y1
1Y2
1Y3
1Y4
GND
GND
GND
GND
2Y1
2Y2
2Y3
2Y4
1G
1A1
1A2
1A3
1A4
VCC
VCC
2A1
2A2
2A3
2A4
2G
54AC11241 . . . JT PACKAGE
74AC11241 ...DB, DW OR NT PACKAGE
(TOP VIEW)
32 1
13 14
5
6
7
8
9
10
11
1A2
1A1
1G
NC
1Y1
1Y2
1Y3
4
15 16 17 18
54AC11241 . . . FK PACKAGE
(TOP VIEW)
28 27 26
25
24
23
22
21
20
19
12
NC − No internal connection
2A3
2A4
2G
NC
2Y4
2Y3
2Y2
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.


Similar Part No. - 54AC11241_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11241 TI-54AC11241 Datasheet
93Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 54AC11241_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Renesas Technology Corp
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
HD74HC540 RENESAS-HD74HC540_15 Datasheet
132Kb / 11P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Hitachi Semiconductor
HD74BC244A HITACHI-HD74BC244A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74LVC244A HITACHI-HD74LVC244A Datasheet
47Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74LVC540A HITACHI-HD74LVC540A Datasheet
48Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com