Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N459 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 1N459
Description  Small Signal Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N459 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  1N459 Datasheet HTML 1Page - Fairchild Semiconductor 1N459 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©2004 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
November 2004
1N459/A Rev. 1.0.0
1N459/A
Small Signal Diode
Absolute Maximum Ratings * T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 200 degrees C.
2) These are steady limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Electrical Characteristics T
C = 25°C unless otherwise noted
Symbol
Parameter
Value
Unit
VRRM
Maximum Repetitive Reverse Voltage
200
V
IF(AV)
Average Rectified Forward Current
500
mA
IFSM
Non-repetitive Peak Forward Surge Current
Pulse Width = 1.0 second
Pulse Width = 1.0 microsecond
1.0
4.0
A
A
TSTG
Storage Temperature Range
-65 to +200
°C
TJ
Operating Junction Temperature
175
°C
Symbol
Parameter
Value
Unit
PD
Power Dissipation
500
mW
RθJA
Thermal Resistance, Junction to Ambient
300
°C/W
Symbol
Parameter
Conditions
Min.
Max
Units
VR
Breakdown Voltage
IR = 100µA
200
V
VF
Forward Voltage
1N459A
IF = 3mA
IF = 100mA
1.0
1.0
V
V
IR
Reverse Leakage
1N459
1N459A
VR = 175V
VR = 175V, TA = 150°C
25
5
nA
µA
CT
Total Capacitance
1N459A VR = 0, f = 1.0MHz
6.0
pF
DO-35
Color Band Denotes Cathode


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BAT60J SMALL SIGNAL SCHOTTKY DIODE 1  2  3  4  5  STMicroelectronics
BAS16HT1G Small Signal Diode 1  2  3  4  5  Fairchild Semiconductor
1N914 SMALL SIGNAL DIODE 1  General Semiconductor
DAN803 Small Signal Diode Arrays 1  2  Diotec Semiconductor
1N456A Small Signal Diode 1  2  Fairchild Semiconductor
BAT74 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  4  STMicroelectronics
MMBD2838 Small Signal Diode 1  2  Fairchild Semiconductor
1N5711 SMALL SIGNAL SCHOTTKY DIODE 1  2  3  STMicroelectronics
BAT54HT1G Small Signal Diode 1  2  3  4  Fairchild Semiconductor
1N457 Small Signal Diode 1  2  Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn