Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1100A2IDBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1100A2IDBVT
Description  Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1100A2IDBVT Datasheet(HTML) 3 Page - Texas Instruments

  ADS1100A2IDBVT Datasheet HTML 1Page - Texas Instruments ADS1100A2IDBVT Datasheet HTML 2Page - Texas Instruments ADS1100A2IDBVT Datasheet HTML 3Page - Texas Instruments ADS1100A2IDBVT Datasheet HTML 4Page - Texas Instruments ADS1100A2IDBVT Datasheet HTML 5Page - Texas Instruments ADS1100A2IDBVT Datasheet HTML 6Page - Texas Instruments ADS1100A2IDBVT Datasheet HTML 7Page - Texas Instruments ADS1100A2IDBVT Datasheet HTML 8Page - Texas Instruments ADS1100A2IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ADS1100
3
SBAS239B
www.ti.com
ADS1100
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT
Full-Scale Input Voltage
(VIN+) – (VIN–)
±V
DD/PGA
V
Analog Input Voltage
VIN+, VIN– to GND
GND – 0.2
VDD + 0.2
V
Differential Input Impedance
2.4/PGA
M
Common-Mode Input Impedance
8M
SYSTEM PERFORMANCE
Resolution and No Missing Codes
DR = 00
12
12
Bits
DR = 01
14
14
Bits
DR = 10
15
15
Bits
DR = 11
16
16
Bits
Conversion Rate
DR = 00
104
128
184
SPS
DR = 01
26
32
46
SPS
DR = 10
13
16
23
SPS
DR = 11
6.5
8
11.5
SPS
Output Noise
See Typical Characteristic Curves
Integral Nonlinearity
DR = 11, PGA = 1, End Point Fit(1)
±0.003
±0.0125
% of FSR(2)
Offset Error
±2.5/PGA
±5/PGA
mV
Offset Drift
PGA = 1
1.5
8
µV/°C
PGA = 2
1.0
4
µV/°C
PGA = 4
0.7
2
µV/°C
PGA = 8
0.6
2
µV/°C
Gain Error
0.01
0.1
%
Gain Error Drift
2
ppm/
°C
Common-Mode Rejection
At DC, PGA = 8
94
100
dB
At DC, PGA = 1
85
dB
DIGITAL INPUT/OUTPUT
Logic Level
VIH
0.7 • VDD
6V
VIL
GND – 0.5
0.3 • VDD
V
VOL
IOL = 3mA
GND
0.4
V
Input Leakage
IIH
VIH = 5.5V
10
µA
IIL
VIL = GND
–10
µA
POWER-SUPPLY REQUIREMENTS
Power-Supply Voltage
VDD
2.7
5.5
V
Supply Current
Power Down
0.05
2
µA
Active Mode
90
150
µA
Power Dissipation
VDD = 5.0V
450
750
µW
VDD = 3.0V
210
µW
NOTES: (1) 99% of full-scale. (2) FSR = Full-Scale Range = 2 • VDD/PGA.
ELECTRICAL CHARACTERISTICS
All specifications at –40
°C to +85°C, V
DD = 5V, GND = 0V, and all PGAs, unless otherwise noted.


Similar Part No. - ADS1100A2IDBVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1100A2IDBVT BURR-BROWN-ADS1100A2IDBVT Datasheet
282Kb / 18P
   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1100A2IDBVT TI1-ADS1100A2IDBVT Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
ADS1100A2IDBVT TI1-ADS1100A2IDBVT Datasheet
882Kb / 24P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100A2IDBVTG4 TI1-ADS1100A2IDBVTG4 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
More results

Similar Description - ADS1100A2IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1100 TI1-ADS1100_10 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
logo
Burr-Brown (TI)
ADS1100 BURR-BROWN-ADS1100 Datasheet
282Kb / 18P
   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1100 TI1-ADS1100_14 Datasheet
882Kb / 24P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS850 TI-ADS850 Datasheet
304Kb / 15P
[Old version datasheet]   14-Bit, 10MSPS Self-Calibrating ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
   47kHz, 16-bit Self-calibrating Sampling A/D Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com