Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1194 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS1194
Description  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1194 Datasheet(HTML) 4 Page - Texas Instruments

  ADS1194_13 Datasheet HTML 1Page - Texas Instruments ADS1194_13 Datasheet HTML 2Page - Texas Instruments ADS1194_13 Datasheet HTML 3Page - Texas Instruments ADS1194_13 Datasheet HTML 4Page - Texas Instruments ADS1194_13 Datasheet HTML 5Page - Texas Instruments ADS1194_13 Datasheet HTML 6Page - Texas Instruments ADS1194_13 Datasheet HTML 7Page - Texas Instruments ADS1194_13 Datasheet HTML 8Page - Texas Instruments ADS1194_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
ADS1194, ADS1196
ADS1198
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum/maximum specifications apply from 0
°C to +70°C. Typical specifications are at +25°C.
All specifications at DVDD = 1.8V, AVDD
– AVSS = 3V, VREF = 2.4V, external fCLK = 2.048MHz, data rate = 500SPS, and
gain = 6, unless otherwise noted.
ADS1194, ADS1196, ADS1198
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RIGHT LEG DRIVE (RLD) AMPLIFIER AND PACE AMPLIFIERS
RLD integrated noise
BW = 150Hz
8
µVrms
RLD Gain bandwidth product
50k
Ω || 10pF load, gain = 1
100
kHz
Pace noise
BW = 8kHz
20
µVrms
Pace Gain bandwidth product
50k
Ω || 10pF load, PGA gain = 1
80
kHz
RLD Slew rate
50k
Ω || 10pF load, gain = 1
0.2
V/
µs
Pace Slew rate
50k
Ω || 10pF load, PGA gain = 1
0.04
V/
µs
Pace amplifier crosstalk
Crosstalk between Pace amplifiers
60
dB
Pace amplifier output resistance
100
Ω
AVDD = 3V
50
µA
Maximum Pace and RLD current
AVDD = 5V
75
µA
Short-circuit to GND (AVDD = 3V)
270
µA
Short-circuit to supply (AVDD = 3V)
550
µA
Pace and RLD amplifier drive strength
Short-circuit to GND (AVDD = 5V)
490
µA
Short-circuit to supply (AVDD = 5V)
810
µA
Total harmonic distortion
60Hz,
–0.5dBFS
–70
dB
Common-mode range
AVSS + 0.7
AVDD
– 0.3
V
Common-mode resistor matching
Internal 200k
Ω resistor matching
0.1
%
Short-circuit current
±0.25
mA
Quiescent power consumption
Either RLD or Pace amplifier
20
μA
WILSON CENTER TERMINAL (WCT) AMPLIFIER
Input voltage noise density
See Table 3
µVRMS
Gain bandwidth product
See Table 3
kHz
Slew rate
See Table 3
V/s
Total harmonic distortion
fIN = 100Hz
90
dB
Common-mode range
AVSS + 0.3
AVDD
– 0.3
V
Quiescent power consumption
See Table 3
μA
LEAD-OFF DETECT
Frequency
See Register Map section for settings
0, fDR/4
kHz
Current
See Register Map section for settings
4, 8, 12, 16
nA
Current accuracy
±20
%
Comparator threshold accuracy
±30
mV
EXTERNAL REFERENCE
3V supply VREF = (VREFP – VREFN)
2.5
V
Reference input voltage
5V supply VREF = (VREFP – VREFN)
4.1
V
Negative input (VREFN)
AVSS
V
Positive input (VREFP)
AVSS + 2.5
V
Input impedance
10
k
INTERNAL REFERENCE
Register bit CONFIG3.VREF_4V = 0,
2.4
V
AVDD
≥ 2.7V
Output voltage
Register bit CONFIG3.VREF_4V = 1,
4.0
V
AVDD
≥ 4.4V
VREF accuracy
±0.2
%
Drift
35
ppm/
°C
Start-up time
150
ms
4
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1194 ADS1196 ADS1198


Similar Part No. - ADS1194_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1194CPAG TI-ADS1194CPAG Datasheet
1Mb / 76P
[Old version datasheet]   Eight Low-Noise PGAs and Eight High-Resolution ADCs (ADS1198)
ADS1194CZXGR TI-ADS1194CZXGR Datasheet
1Mb / 73P
[Old version datasheet]   Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
ADS1194CZXGT TI-ADS1194CZXGT Datasheet
1Mb / 73P
[Old version datasheet]   Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
ADS1194IPAG TI-ADS1194IPAG Datasheet
1Mb / 73P
[Old version datasheet]   Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
ADS1194IPAGR TI-ADS1194IPAGR Datasheet
1Mb / 73P
[Old version datasheet]   Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
More results

Similar Description - ADS1194_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ASD1194 TI-ASD1194 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1198 TI-ADS1198 Datasheet
1Mb / 73P
[Old version datasheet]   Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1191IRSMT TI1-ADS1191IRSMT Datasheet
1Mb / 67P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191 TI1-ADS1191_14 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com