Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1130IPW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1130IPW
Description  18-Bit Analog-to-Digital Converter For Bridge Sensors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1130IPW Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1130IPW Datasheet HTML 4Page - Texas Instruments ADS1130IPW Datasheet HTML 5Page - Texas Instruments ADS1130IPW Datasheet HTML 6Page - Texas Instruments ADS1130IPW Datasheet HTML 7Page - Texas Instruments ADS1130IPW Datasheet HTML 8Page - Texas Instruments ADS1130IPW Datasheet HTML 9Page - Texas Instruments ADS1130IPW Datasheet HTML 10Page - Texas Instruments ADS1130IPW Datasheet HTML 11Page - Texas Instruments ADS1130IPW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
DRDY/DOUT
17
16
15
1
18
0
LSB
MSB
Data
DataReady
SCLK
t
DS
t
CONV
t
SCLK
t
PD
NewDataReady
t
SCLK
t
HT
t
UPDATE
ADS1130
SBAS458A – JUNE 2009 – REVISED SEPTEMBER 2012
www.ti.com
DATA RETRIEVAL
or else the data are overwritten. Avoid data retrieval
during the update period (tUPDATE). To avoid having
The ADS1130 continuously converts the analog input
DRDY/DOUT remain in the state of the last bit, the 24
signal. To retrieve data, wait until DRDY/DOUT goes
SCLKs may be applied to force DRDY/DOUT high.
low, as shown in Figure 6. After DRDY/DOUT goes
This technique is useful when a host controlling the
low, begin shifting out the data by applying SCLKs.
device is polling DRDY/DOUT to determine when
Data are shifted out MSB first. It is not required to
data are ready. Do not apply more than 24 SCLKs
shift out all 18 bits of data, but the data must be
during data retrieval.
retrieved before new data are updated (within tCONV)
Figure 6. Data Retrieval Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tDS
DRDY/DOUT low to first SCLK rising edge
0
ns
tSCLK
SCLK positive or negative pulse width
100
ns
tPD
SCLK rising edge to new data bit valid: propagation delay
50
ns
tHT
SCLK rising edge to old data bit valid: hold time
0
ns
tUPDATE
Data updating: no readback allowed
39
μs
SPEED = 1
12.5
ms
tCONV
Conversion time (1/data rate)
SPEED = 0
100
ms
8
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Links: ADS1130


Similar Part No. - ADS1130IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1130IPW TI1-ADS1130IPW Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1130IPWR TI1-ADS1130IPWR Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
More results

Similar Description - ADS1130IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI-ADS1131 Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com