Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1120-Q1 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1120-Q1
Description  Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1120-Q1 Datasheet(HTML) 44 Page - Texas Instruments

Back Button ADS1120-Q1 Datasheet HTML 40Page - Texas Instruments ADS1120-Q1 Datasheet HTML 41Page - Texas Instruments ADS1120-Q1 Datasheet HTML 42Page - Texas Instruments ADS1120-Q1 Datasheet HTML 43Page - Texas Instruments ADS1120-Q1 Datasheet HTML 44Page - Texas Instruments ADS1120-Q1 Datasheet HTML 45Page - Texas Instruments ADS1120-Q1 Datasheet HTML 46Page - Texas Instruments ADS1120-Q1 Datasheet HTML 47Page - Texas Instruments ADS1120-Q1 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
ADS1120-Q1
SBAS683A – AUGUST 2014 – REVISED OCTOBER 2014
www.ti.com
Application Information (continued)
Many sensor signals are inherently bandlimited; for example, the output of a thermocouple has a limited rate of
change. In this case the sensor signal does not alias back into the pass-band when using a
ΔΣ ADC. However,
any noise pick-up along the sensor wiring or the application circuitry can potentially alias into the pass-band.
Power line-cycle frequency and harmonics are one common noise source. External noise can also be generated
from electromagnetic interference (EMI) or radio frequency interference (RFI) sources, such as nearby motors
and cellular phones. Another noise source typically exists on the printed circuit board (PCB) itself in the form of
clocks and other digital signals. Analog input filtering helps remove unwanted signals from affecting the
measurement result.
A first-order resistor-capacitor (RC) filter is (in most cases) sufficient to either totally eliminate aliasing, or to
reduce the effect of aliasing to a level within the noise floor of the sensor. Ideally, any signal beyond f(MOD) / 2 is
attenuated to a level below the noise floor of the ADC. The digital filter of the ADS1120-Q1 attenuates signals to
a certain degree, as illustrated in the filter response plots in the Digital Filter section. In addition, noise
components are usually smaller in magnitude than the actual sensor signal. Therefore, using a first-order RC
filter with a cutoff frequency set at the output data rate or 10x higher is generally a good starting point for a
system design.
Internal to the device, prior to the PGA inputs, is an EMI filter as shown in Figure 39. The cutoff frequency of this
filter is approximately 31.8 MHz, which helps reject high-frequency interferences.
9.1.3 External Reference and Ratiometric Measurements
The full-scale range of the ADS1120-Q1 is defined by the reference voltage and the PGA gain (FSR = ±Vref /
Gain). An external reference can be used instead of the integrated 2.048-V reference to adapt the FSR to the
specific system needs. An external reference must be used if VIN > 2.048 V. For example, an external 5-V
reference and an AVDD = 5 V are required in order to measure a single-ended signal that can swing between
0 V and 5 V.
The reference inputs of the device also allow the implementation of ratiometric measurements. In a ratiometric
measurement the same excitation source that is used to excite the sensor is also used to establish the reference
for the ADC. As an example, a simple form of a ratiometric measurement uses the same current source to excite
both the resistive sensor element (such as an RTD) and another resistive reference element that is in series with
the element being measured. The voltage that develops across the reference element is used as the reference
source for the ADC. Because current noise and drift are common to both the sensor measurement and the
reference, these components cancel out in the ADC transfer function. The output code is only a ratio of the
sensor element and the value of the reference resistor. The value of the excitation current source itself is not part
of the ADC transfer function.
9.1.4 Establishing a Proper Common-Mode Input Voltage
The ADS1120-Q1 can be used to measure various types of input signal configurations: single-ended, pseudo-
differential, and fully-differential signals (which can be either unipolar or bipolar). However, configuring the device
properly for the respective signal type is important.
Signals where the negative analog input is fixed and referenced to analog ground (V(AINN) = 0 V) are commonly
called single-ended signals. The common-mode voltage of a single-ended signal consequently varies between
0 V and VIN / 2. If the PGA is disabled and bypassed, the common-mode input voltage of the ADS1120-Q1 can
be as low as 100 mV below AVSS and as large as 100 mV above AVDD. Therefore, the PGA_BYPASS bit must
be set in order to measure single-ended signals when a unipolar analog supply is used (AVSS = 0 V). Gains of
1, 2, and 4 are still possible in this configuration. Measuring a 0-mA to 20-mA or 4-mA to 20-mA signal across a
load resistor of 100
Ω referenced to GND is a typical example. The ADS1120-Q1 can directly measure the signal
across the load resistor using a unipolar supply, the internal 2.048-V reference, and gain = 1 when the PGA is
bypassed.
If gains larger than 4 are needed to measure a single-ended signal, the PGA must be enabled. In this case, a
bipolar supply is required for the ADS1120-Q1 to meet the common-mode voltage requirement of the PGA.
Signals where the negative analog input (AINN) is fixed at a voltage other the 0 V are referred to as pseudo-
differential signals. The common-mode voltage of a pseudo-differential signal varies between V(AINN) and V(AINN) +
VIN / 2.
44
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: ADS1120-Q1


Similar Part No. - ADS1120-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1120 TI-ADS1120 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IPW TI1-ADS1120IPW Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IPW TI1-ADS1120IPW Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
More results

Similar Description - ADS1120-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1120 TI1-ADS1120_14 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI-ADS1220 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI1-ADS1220_14 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit ADC for Small-Signal Sensors
logo
Burr-Brown (TI)
DAC1221 BURR-BROWN-DAC1221 Datasheet
125Kb / 14P
   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1221 TI1-DAC1221 Datasheet
147Kb / 16P
[Old version datasheet]   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
ADS1220 TI1-ADS1220_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com