Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1120-Q1 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1120-Q1
Description  Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1120-Q1 Datasheet(HTML) 37 Page - Texas Instruments

Back Button ADS1120-Q1 Datasheet HTML 33Page - Texas Instruments ADS1120-Q1 Datasheet HTML 34Page - Texas Instruments ADS1120-Q1 Datasheet HTML 35Page - Texas Instruments ADS1120-Q1 Datasheet HTML 36Page - Texas Instruments ADS1120-Q1 Datasheet HTML 37Page - Texas Instruments ADS1120-Q1 Datasheet HTML 38Page - Texas Instruments ADS1120-Q1 Datasheet HTML 39Page - Texas Instruments ADS1120-Q1 Datasheet HTML 40Page - Texas Instruments ADS1120-Q1 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
CS
SCLK
DOUT/DRDY
DIN
Hi-Z
1
9
17
DATA MSB
DATA LSB
DRDY
Next Data Ready
25
ADS1120-Q1
www.ti.com
SBAS683A – AUGUST 2014 – REVISED OCTOBER 2014
8.5.6 Interfacing with Multiple Devices
When connecting multiple ADS1120-Q1 devices to a single SPI bus, SCLK, DIN, and DOUT/DRDY can be safely
shared by using a dedicated chip-select (CS) line for each SPI-enabled device. When CS transitions high for the
respective device, DOUT/DRDY enters a 3-state mode. Therefore, DOUT/DRDY cannot be used to indicate
when new data are available if CS is high, regardless of the DRDYM bit setting in the configuration register. Only
the dedicated DRDY pin indicates that new data are available, because the DRDY pin is actively driven even
when CS is high.
In some cases the DRDY pin cannot be interfaced to the microcontroller. This scenario can occur if there are
insufficient GPIO channels available on the microcontroller or if the serial interface must be galvanically isolated
and thus the amount of channels must be limited. Therefore, in order to evaluate when a new conversion of one
of the devices is ready, the microcontroller can periodically drop CS to the respective device and poll the state of
the DOUT/DRDY pin. When CS goes low, the DOUT/DRDY pin immediately drives either high or low, provided
that the DRDYM bit is configured to 1. If the DOUT/DRDY line drives low, when CS is taken low, new data are
currently available. If the DOUT/DRDY line drives high, no new data are available. This procedure requires that
DOUT/DRDY is high after reading each conversion result and before taking CS high. To make sure DOUT/DRDY
is taken high, send 16 additional SCLKs with DIN held low after each data read operation. DOUT/DRDY reads
low during the first eight SCLKs after the conversion result is read, and reads high during the following eight
SCLKs, as shown in Figure 67. Alternatively, valid data can be retrieved from the device at any time without
concern of data corruption by using the RDATA command.
Figure 67. Example of Taking DOUT/DRDY High After Reading a Conversion Result
8.6 Register Map
8.6.1 Configuration Registers
The device has four 8-bit configuration registers that are accessible through the serial interface using the RREG
and WREG commands. The configuration registers control how the device operates and can be changed at any
time without causing data corruption. After power-up or reset, all registers are set to the default values (which are
all 0). All registers retain their values during power-down mode. Table 11 shows the register map of the
configuration registers.
Table 11. Configuration Register Map
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(Hex)
00h
MUX[3:0]
GAIN[2:0]
PGA_BYPAS
S
01h
DR[2:0]
MODE[1:0]
CM
TS
BCS
02h
VREF[1:0]
50/60[1:0]
PSW
IDAC[2:0]
03h
I1MUX[2:0]
I2MUX[2:0]
DRDYM
RESERVED
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: ADS1120-Q1


Similar Part No. - ADS1120-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1120 TI-ADS1120 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IPW TI1-ADS1120IPW Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IPW TI1-ADS1120IPW Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
More results

Similar Description - ADS1120-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1120 TI1-ADS1120_14 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI-ADS1220 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI1-ADS1220_14 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit ADC for Small-Signal Sensors
logo
Burr-Brown (TI)
DAC1221 BURR-BROWN-DAC1221 Datasheet
125Kb / 14P
   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1221 TI1-DAC1221 Datasheet
147Kb / 16P
[Old version datasheet]   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
ADS1220 TI1-ADS1220_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com