Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC08D502 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC08D502
Description  High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08D502 Datasheet(HTML) 1 Page - Texas Instruments

  ADC08D502 Datasheet HTML 1Page - Texas Instruments ADC08D502 Datasheet HTML 2Page - Texas Instruments ADC08D502 Datasheet HTML 3Page - Texas Instruments ADC08D502 Datasheet HTML 4Page - Texas Instruments ADC08D502 Datasheet HTML 5Page - Texas Instruments ADC08D502 Datasheet HTML 6Page - Texas Instruments ADC08D502 Datasheet HTML 7Page - Texas Instruments ADC08D502 Datasheet HTML 8Page - Texas Instruments ADC08D502 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
ADC08D502
www.ti.com
SNOSC85A – AUGUST 2012 – REVISED APRIL 2013
ADC08D502 High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
Check for Samples: ADC08D502
1
FEATURES
DESCRIPTION
The
ADC08D502
is
a
dual,
low
power,
high
2
Internal Sample-and-Hold
performance CMOS analog-to-digital converter that
Single +1.9V ±0.1V Operation
digitizes signals to 8 bits resolution at sampling rates
Choice of SDR or DDR Output Clocking
up to 500 MSPS. Consuming a typical 1.4 Watts at
500 MSPS from a single 1.9 Volt supply, this device
Multiple ADC Synchronization Capability
is specified to have no missing codes over the full
Specified No Missing Codes
operating temperature range. The unique folding and
Serial Interface for Extended Control
interpolating
architecture,
the
fully
differential
comparator design, the innovative design of the
Fine Adjustment of Input Full-Scale Range and
internal sample-and-hold amplifier and the self-
Offset
calibration scheme enable a very flat response of all
Duty Cycle Corrected Sample Clock
dynamic parameters beyond Nyquist, producing a
high 7.5 ENOB with a 250 MHz input signal and a
APPLICATIONS
500 MHz sample rate while providing a 10-18 B.E.R.
Output formatting is offset binary and the LVDS
Direct RF Down Conversion
digital outputs are compatible with IEEE 1596.3-1996,
Digital Oscilloscopes
with the exception of an adjustable common mode
Satellite Set-top boxes
voltage between 0.8V and 1.2V.
Communications Systems
Each converter has a 1:2 demultiplexer that feeds
Test Instrumentation
two LVDS buses and reduces the output data rate on
each bus to half the sampling rate.
KEY SPECIFICATIONS
The converter typically consumes less than 3.5 mW
Resolution: 8 Bits
in the Power Down Mode and is available in a 128-
lead, thermally enhanced exposed pad HLQFP and
Max Conversion Rate: 500 MSPS (min)
operates over the Industrial (-40°C
≤ TA ≤ +85°C)
Bit Error Rate: 10-18 (typ)
temperature range.
ENOB @ 250 MHz Input: 7.5 Bits (typ)
DNL: ±0.15 LSB (typ)
Power Consumption
Operating: 1.4 W (typ)
Power Down Mode: 3.5 mW (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC08D502

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC08D502 TI1-ADC08D502 Datasheet
877Kb / 43P
[Old version datasheet]   ADC08D502 High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08D502CIYB TI1-ADC08D502CIYB Datasheet
877Kb / 43P
[Old version datasheet]   ADC08D502 High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08D502NOPB TI1-ADC08D502NOPB Datasheet
877Kb / 43P
[Old version datasheet]   ADC08D502 High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
More results

Similar Description - ADC08D502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADC08D500 AD-ADC08D500 Datasheet
877Kb / 33P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_08 Datasheet
992Kb / 38P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D500 TI1-ADC08D500 Datasheet
924Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08500 NSC-ADC08500_09 Datasheet
997Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08500 NSC-ADC08500 Datasheet
939Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08500 TI1-ADC08500 Datasheet
858Kb / 46P
[Old version datasheet]   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08D502 TI1-ADC08D502 Datasheet
877Kb / 43P
[Old version datasheet]   ADC08D502 High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08500 TI1-ADC08500_14 Datasheet
856Kb / 46P
[Old version datasheet]   ADC08500 High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08DL500 TI1-ADC08DL500_15 Datasheet
742Kb / 57P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com