Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC08B3000 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC08B3000
Description  High Performance, Low Power A/D Converter with 4K Buffer
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08B3000 Datasheet(HTML) 1 Page - Texas Instruments

  ADC08B3000 Datasheet HTML 1Page - Texas Instruments ADC08B3000 Datasheet HTML 2Page - Texas Instruments ADC08B3000 Datasheet HTML 3Page - Texas Instruments ADC08B3000 Datasheet HTML 4Page - Texas Instruments ADC08B3000 Datasheet HTML 5Page - Texas Instruments ADC08B3000 Datasheet HTML 6Page - Texas Instruments ADC08B3000 Datasheet HTML 7Page - Texas Instruments ADC08B3000 Datasheet HTML 8Page - Texas Instruments ADC08B3000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
ADC08B3000
www.ti.com
SNAS331M – JUNE 2006 – REVISED APRIL 2013
ADC08B3000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter with 4K Buffer
Check for Samples: ADC08B3000
1
FEATURES
DESCRIPTION
The ADC08B3000 is a single, low power, high
2
Single +1.9V ±0.1V Operation
performance CMOS analog-to-digital converter that
Choice of SDR or DDR Output Clocking
digitizes signals to 8 bits resolution at sample rates
Internal selectable 4K Data Buffer
up
to
3.4
Gigasamples
Per
Second,
(Gsps).
Consuming a typical 1.6 Watts at 3 Gsps from a
Serial Interface for Extended Control
single 1.9 Volt supply, this device is ensured to have
Adjustment of Input Full-Scale Range, Offset
no missing codes over the full operating temperature
and Clock Phase
range.
The
unique
folding
and
interpolating
Duty Cycle Corrected Sample Clock
architecture, the fully differential comparator design,
the innovative design of the internal sample-and-hold
Test Pattern Output Capability
amplifier and the calibration scheme enable an
excellent response of all dynamic parameters up to
APPLICATIONS
Nyquist, producing a high 7.1 Effective Number Of
Distance Ranging
Bits, (ENOB), with a 748 MHz input signal and a 3
GHz sample rate while providing a 10-18 Code Error
Test and Measurement
Rate. A sample rate of 3 Gsps is achieved by
interleaving two ADCs, each operating at 1.5 Gsps.
KEY SPECIFICATIONS
Output
formatting
is
offset
binary.
The
device
Resolution: 8 Bits
contains a 4K Capture Buffer with output on two 8-bit
Low Voltage CMOS (LVCMOS) output buses at rates
Max Conversion Rate: 3 Gsps (min)
up to 200MHz.
Code Error Rate: 10-18 (typ)
The converter typically consumes less than 25 mW in
ENOB @ 748 MHz Input: 7.1 Bits (typ)
the Power Down Mode and is available in a 128-lead,
SNR @ 748 MHz: 44.9 dB (typ)
thermally
enhanced
exposed
pad
HLQFP
and
Full Power Bandwidth: 3 GHz (typ)
operates over the Industrial (-40°C
≤ TA ≤ +85°C)
temperature range.
Power Consumption
Full Power Capure: 1.6 W (typ)
Power Down Mode: 25 mW (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC08B3000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08B3000 NSC-ADC08B3000 Datasheet
819Kb / 32P
   High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter with 4K Buffer
ADC08B3000 NSC-ADC08B3000 Datasheet
1Mb / 44P
   8-bIT, 3gsps, High Performance, Low Power A/D Converter with 4K Buffer
ADC08B3000 NSC-ADC08B3000 Datasheet
1Mb / 46P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter with 4K Buffer
ADC08B3000CIYB NSC-ADC08B3000CIYB Datasheet
1Mb / 44P
   8-bIT, 3gsps, High Performance, Low Power A/D Converter with 4K Buffer
ADC08B3000CIYB NSC-ADC08B3000CIYB Datasheet
1Mb / 46P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter with 4K Buffer
More results

Similar Description - ADC08B3000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08B3000 NSC-ADC08B3000_08 Datasheet
1Mb / 44P
   8-bIT, 3gsps, High Performance, Low Power A/D Converter with 4K Buffer
ADC08B3000 NSC-ADC08B3000_09 Datasheet
1Mb / 46P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter with 4K Buffer
ADC08B3000 NSC-ADC08B3000 Datasheet
819Kb / 32P
   High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter with 4K Buffer
logo
Intronics Power, Inc.
ADC1143 INTRONICS-ADC1143 Datasheet
798Kb / 4P
   Low Power/High Performance 16-Bit A/D Converter
logo
Texas Instruments
LM97600 TI1-LM97600_15 Datasheet
1Mb / 58P
[Old version datasheet]   High Performance, Low Power A/D
logo
National Semiconductor ...
ADC082500 NSC-ADC082500 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 2.5 GSPS A/D Converter
ADC081500 NSC-ADC081500_09 Datasheet
1Mb / 34P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC081500 NSC-ADC081500_06 Datasheet
1,016Kb / 32P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC08500 NSC-ADC08500_09 Datasheet
997Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000_15 Datasheet
986Kb / 41P
[Old version datasheet]   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com