Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS6444MRGCTEP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6444MRGCTEP
Description  QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS6444MRGCTEP Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS6444MRGCTEP Datasheet HTML 2Page - Texas Instruments ADS6444MRGCTEP Datasheet HTML 3Page - Texas Instruments ADS6444MRGCTEP Datasheet HTML 4Page - Texas Instruments ADS6444MRGCTEP Datasheet HTML 5Page - Texas Instruments ADS6444MRGCTEP Datasheet HTML 6Page - Texas Instruments ADS6444MRGCTEP Datasheet HTML 7Page - Texas Instruments ADS6444MRGCTEP Datasheet HTML 8Page - Texas Instruments ADS6444MRGCTEP Datasheet HTML 9Page - Texas Instruments ADS6444MRGCTEP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
ADS6445-EP
ADS6444-EP
SLAS573C – FEBRUARY 2008 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Typical values are at 25°C, min and max values are across the full junction temperature range TJ,MIN = –55°C to TJ,MAX =
125°C, AVDD = LVDD = 3.3 V, maximum rated sampling frequency, 50% clock duty cycle, –1 dBFS differential analog input,
internal reference mode (unless otherwise noted).
ADS6445
ADS6444
UNIT
Fs = 125 MSPS
Fs = 105 MSPS
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
RESOLUTION
14
14
Bits
ANALOG INPUT
Differential input voltage range
2.0
2.0
VPP
Differential input capacitance
7
7
pF
Analog input bandwidth
500
500
MHz
Analog input common mode current (per input pin
155
130
μA
of each ADC)
REFERENCE VOLTAGES
VREFB
Internal reference bottom voltage
1.0
1.0
V
VREFT
Internal reference top voltage
2.0
2.0
V
ΔVREF
Internal reference error (VREFT–VREFB)
0.985
1
1.015
0.985
1
1.015
V
VCM
Common mode output voltage
1.5
1.5
V
VCM output current capability
±4
±4
mA
DC ACCURACY
No missing codes
Assured
Assured
EO
Offset error, across devices and across channels
–15
±2
15
–15
±2
15
mV
within a device
Offset error temperature coefficient, across
0.05
0.05
mV/°C
devices and across channels within a device
There are two sources of gain error - internal reference inaccuracy and channel gain error
EGREF
Gain error due to internal reference inaccuracy
-0.75
0.1
0.75
-0.75
0.1
0.75
% FS
alone, (
ΔVREF /2.0) %
Reference gain error temperature coefficient
0.0125
0.0125
Δ%/°C
EGCHAN
Gain error of channel alone, across devices and
±0.3
±0.3
% FS
across channels within a device
Channel gain error temperature coefficient, across
0.005
0.005
Δ%/°C
devices and across channels within a device
DNL
Differential nonlinearity, Fin = 50 MHz
–0.99
±0.6
2.0
–0.99
±0.6
2.0
LSB
INL
Integral nonlinearity, Fin = 50 MHz
-5
±3
5
-5
±3
5
LSB
PSRR
DC power supply rejection ratio
0.5
0.5
mV/V
POWER SUPPLY
ICC
Total supply current
502
410
mA
IAVDD
Analog supply current
410
322
mA
ILVDD
LVDS supply current
92
88
mA
Total power
1.65
1.8
1.35
1.5
W
Power down (with input clock stopped)
77
150
77
150
mW
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADS6445-EP ADS6444-EP


Similar Part No. - ADS6444MRGCTEP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ADS6444 STMICROELECTRONICS-ADS6444 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6444 TI-ADS6444 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6444 TI-ADS6444 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6444 TI1-ADS6444 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6444IRGC25 TI-ADS6444IRGC25 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
More results

Similar Description - ADS6444MRGCTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI1-ADS6445_14 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445-EP TI-ADS6445-EP Datasheet
3Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6425 TI-ADS6425 Datasheet
1Mb / 56P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6425 TI1-ADS6425_14 Datasheet
2Mb / 60P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
ADS6424 TI-ADS6424_10 Datasheet
2Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com