Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5541 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5541
Description  14-Bit, 105MSPS Analog-To-Digital Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5541 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS5541 Datasheet HTML 9Page - Texas Instruments ADS5541 Datasheet HTML 10Page - Texas Instruments ADS5541 Datasheet HTML 11Page - Texas Instruments ADS5541 Datasheet HTML 12Page - Texas Instruments ADS5541 Datasheet HTML 13Page - Texas Instruments ADS5541 Datasheet HTML 14Page - Texas Instruments ADS5541 Datasheet HTML 15Page - Texas Instruments ADS5541 Datasheet HTML 16Page - Texas Instruments ADS5541 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
www.ti.com
THD + 10Log10
P
S
P
D
(4)
Production Data
ADS5541
SBAS307C – MAY 2004 – REVISED FEBRUARY 2007
Total Harmonic Distortion (THD)
Reference Error
THD is the ratio of the power of the fundamental (PS)
The reference error is the variation of the actual
to the power of the first eight harmonics (PD).
reference voltage (VREFP – VREFM) from its ideal
value. The reference error is typically given as a
percentage.
Voltage Overload Recovery Time
THD is typically given in units of dBc (dB to carrier).
The voltage overload recovery time is defined as the
Spurious-Free Dynamic Range (SFDR)
time required for the ADC to recover to within 1% of
the full-scale range in response to an input voltage
The ratio of the power of the fundamental to the
overload of 10% beyond the full-scale range.
highest other spectral component (either spur or
harmonic). SFDR is typically given in units of dBc
AC Power-Supply Rejection Ratio (AC PSRR)
(dB to carrier).
The ratio of output spectral power at a given
Two-Tone Intermodulation Distortion (IMD3)
frequency with respect to the injected ac-power on
AVDD at that frequency. The rejected ac-input
IMD3 is the ratio of the power of the fundamental (at
amplitude should be limited to less than 100mVPP.
frequencies f1 and f2) to the power of the worst
The PSRR is typically given in units of dB.
spectral component at either frequency 2f1 – f2 or 2f2
– f1. IMD3 is either given in units of dBc (dB to
carrier) when the absolute power of the fundamental
is used as the reference, or dBFS (dB to full scale)
when the power of the fundamental is extrapolated to
the converter full-scale range.
DC Power-Supply Rejection Ration (DC PSRR)
The DC PSSR is the ratio of the change in offset
error to a change in analog supply voltage. The DC
PSRR is typically given in units of mV/V.
13
Submit Documentation Feedback


Similar Part No. - ADS5541

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5541 BURR-BROWN-ADS5541 Datasheet
401Kb / 30P
   14-Bit, 80MSPS Analog-to-Digital Converter
ADS5541 BURR-BROWN-ADS5541 Datasheet
274Kb / 20P
   12-Bit, 105MSPS Analog-toDigital Converter
ADS5541 BURR-BROWN-ADS5541 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5541 BURR-BROWN-ADS5541 Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5541 TI1-ADS5541 Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
More results

Similar Description - ADS5541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5521 TI1-ADS5521 Datasheet
698Kb / 36P
[Old version datasheet]   12-Bit, 105MSPS Analog-To-Digital Converter
logo
DATEL, Inc.
5962-9319801HXC-14 DATEL-5962-9319801HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
5962-9319803HXC-14 DATEL-5962-9319803HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
logo
Texas Instruments
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
HAS-1409 AD-HAS-1409_15 Datasheet
3Mb / 6P
   14 BIT 125KHZ ANALOG TO DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS5542 BURR-BROWN-ADS5542 Datasheet
401Kb / 30P
   14-Bit, 80MSPS Analog-to-Digital Converter
logo
Texas Instruments
DAC5675A TI1-DAC5675A Datasheet
1,002Kb / 26P
[Old version datasheet]   14-Bit, 400MSPS Digital-to-Analog Converter
DAC5675IPHP TI1-DAC5675IPHP Datasheet
572Kb / 31P
[Old version datasheet]   14-BIT, 400MSPS DIGITAL-TO ANALOG CONVERTER
logo
DATEL, Inc.
5962-9319801HXA DATEL-5962-9319801HXA Datasheet
170Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com