Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12081 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12081
Description  12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12081 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADC12081 Datasheet HTML 10Page - Texas Instruments ADC12081 Datasheet HTML 11Page - Texas Instruments ADC12081 Datasheet HTML 12Page - Texas Instruments ADC12081 Datasheet HTML 13Page - Texas Instruments ADC12081 Datasheet HTML 14Page - Texas Instruments ADC12081 Datasheet HTML 15Page - Texas Instruments ADC12081 Datasheet HTML 16Page - Texas Instruments ADC12081 Datasheet HTML 17Page - Texas Instruments ADC12081 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
ADC12081
SNAS020D – MARCH 2000 – REVISED MARCH 2013
www.ti.com
FUNCTIONAL DESCRIPTION
The ADC12081 is a monolithic CMOS analog-to-digital converter capable of converting analog input signals into
12-bit digital words at 5 megasamples per second (MSPS). This device utilizes a proprietary pipeline architecture
and algorithm to minimize die size and power consumption. The ADC12081 uses self-calibration and digital error
correction to maintain accuracy and performance over temperature. The ADC12081 has an input sample-and-
hold amplifier and internal reference buffer. The analog input and the reference voltage are converted to
differential signals for internal use. Using differential signals in the analog conversion core reduces crosstalk and
noise pickup from the digital section and power supply.
The pipeline conversion core has 15 sequential signal processing stages. Each stage receives an analog signal
from the previous stage (called “residue” ) and produces a 1-bit digital output that is sent to the digital correction
module. At each stage the analog signal received from the previous stage is compared to an internally generated
reference level. It is then amplified by a factor of 2, and, depending on the output of the comparator, the internal
reference signal may be subtracted from the amplifier output. This produces the residue that is passed to the
next stage.
The calibration module is activated at power-on or by user request. During calibration the conversion core is put
into a special mode of operation in order to determine inherent errors in the analog conversion blocks and to
determine correction coefficients for each digital output bit from the conversion core and stores these coefficients
in RAM. The digital correction module uses the coefficients in RAM to convert the raw data bits from the
conversion core into the 12-bit digital output code.
Applications Information
ANALOG INPUTS
The ADC12081 has two single-ended analog inputs. VREF is the reference input and VIN is the signal input.
Reference Input
The VREF input must be driven from an accurate, stable reference voltage source. of 1.8V to 2.2V, and bypassed
to a clean, quiet point in analog ground.
Analog Signal Input
The VIN input must be driven with a low impedance signal source that does not add any distortion to the input
signal. The ground reference for the VIN input is the VINCOM pin. The VINCOM pin must be connected to a clean,
quiet point in analog ground.
DIGITAL INPUTS
The ADC12081 has four digital inputs. They are CLOCK, CAL, OE and PD.
CLOCK
The CLOCK signal drives an internal phase delay loop to create timing for the ADC. The clock input should be
driven with a stable, low phase jitter TTL level clock signal in the range of 0.5 to 5 MHz. The trace carrying the
clock signal should be as short as possible. This trace should not cross any other signal line, analog or digital,
not even at 90°. A 100 Ohm resistor should be placed in series with the CLOCK pin, as close to the pin as
possible.
CAL
The level sensitive CAL input must be pulsed high for at least three clock cycles to begin ADC calibration. For
best performance, calibration should be performed about ten seconds after power up, after resetting the ADC,
and after the temperature has changed by more than 50°C since the last calibration was performed.
Calibration should be performed at the same clock frequency that the ADC12081 will be used for conversions to
minimize offset errors. Calibration takes 4000 clock cycles. Irrelevant data may appear during CAL.
14
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC12081


Similar Part No. - ADC12081

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12081 NSC-ADC12081 Datasheet
352Kb / 16P
   12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
ADC12081 NSC-ADC12081 Datasheet
300Kb / 17P
   12-Bit, 5MHz Self-Calibrating, Pipelined A/D Converter with Internal Samble & Hold
ADC12081CIVT NSC-ADC12081CIVT Datasheet
352Kb / 16P
   12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
ADC12081CIVT NSC-ADC12081CIVT Datasheet
300Kb / 17P
   12-Bit, 5MHz Self-Calibrating, Pipelined A/D Converter with Internal Samble & Hold
ADC12081 NSC-ADC12081_02 Datasheet
300Kb / 17P
   12-Bit, 5MHz Self-Calibrating, Pipelined A/D Converter with Internal Samble & Hold
More results

Similar Description - ADC12081

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12181 NSC-ADC12181 Datasheet
322Kb / 17P
   12-Bit, 10 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
ADC12191 NSC-ADC12191 Datasheet
278Kb / 16P
   12-Bit, 10 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
ADC12081 NSC-ADC12081_02 Datasheet
300Kb / 17P
   12-Bit, 5MHz Self-Calibrating, Pipelined A/D Converter with Internal Samble & Hold
ADC12081 NSC-ADC12081 Datasheet
352Kb / 16P
   12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
   Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC1241 NSC-ADC1241 Datasheet
268Kb / 14P
   Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
ADC12451 NSC-ADC12451 Datasheet
311Kb / 18P
   Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC12441 NSC-ADC12441 Datasheet
274Kb / 14P
   Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
logo
List of Unclassifed Man...
ADC-HS12 ETC-ADC-HS12 Datasheet
251Kb / 4P
   12 BIT A/D CONVERTER WITH SAMPLE HOLD
logo
National Semiconductor ...
ADC12L066 NSC-ADC12L066 Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com