Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12081 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12081
Description  12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12081 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC12081 Datasheet HTML 3Page - Texas Instruments ADC12081 Datasheet HTML 4Page - Texas Instruments ADC12081 Datasheet HTML 5Page - Texas Instruments ADC12081 Datasheet HTML 6Page - Texas Instruments ADC12081 Datasheet HTML 7Page - Texas Instruments ADC12081 Datasheet HTML 8Page - Texas Instruments ADC12081 Datasheet HTML 9Page - Texas Instruments ADC12081 Datasheet HTML 10Page - Texas Instruments ADC12081 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
ADC12081
www.ti.com
SNAS020D – MARCH 2000 – REVISED MARCH 2013
DC and Logic Electrical Characteristics
The following specifications apply for AGND = DGND = DGND I/O = 0V, VA = VD = VD I/O = +5V, PD = +5V, VREF = +2.0V,
fCLK = 50MHz, CL = 50 pF/pin. After Auto-Cal at Temperature. Boldface limits apply for TA = TMIN to TMAX; all other limits TA
= TJ = 25°C
(1) (2) (3)
Units
Symbol
Parameter
Conditions
Typical(4)
Limits(5)
(Limits)
CLK, OE Digital Input Characteristics
VIH
Logical "1" Input Voltage
V+ = 5.25V
2.0
V(min)
VIL
Logical "0" Input Voltage
V+ = 4.75V
0.8
V(min)
IIH
Logical "1" Input Current
VIN = 5.0V
5
µA
IIL
Logical "0" Input Current
VIN = 0V
−5
µA
CIN
VIN Input Capacitance
8
pF
D0 - D11 Digital Output Characteristics(6)
VOH
Logical "1" Output Voltage
IOUT = −1mA
4
V (min)
VOL
Logical "0" Output Voltage
IOUT = 1.6mA
0.4
V (max)
IOZ
TRI-STATE Output Current
VOUT = 3V or 5V
10
µA
VOUT = 0V
−10
µA
+ISC
Output Short Circuit Source Current
VDDO= 3V, VOUT = 0V
−14
mA(min)
−ISC
Output Short Circuit Sink Current
VDDO= 3V, VOUT = VO
16
mA(min)
Power Supply Characteristics
PD = VDDO
2.5
4
mA(max)
IA
Analog Supply Current
PD = DGND
20
26
mA(max)
PD = VDDO
0.5
2
mA(max)
ID
Digital Supply Current
PD = DGND
1
2
mA(max)
PD = VDDO
15
30
mW(max)
Total Power Consumption
PD = DGND
105
140
mW(max)
(1)
The inputs are protected as shown below. Input voltage magnitudes up to 5V above VA or to 5V below GND will not damage this device,
provided current is limited per Note 3. However, errors in the A/D conversion can occur if the input goes above VA or below GND by
more than 100 mV. As an example, if VA is 4.75V, the full-scale input voltage must be ≤4.85V to ensure accurate conversions.
(2)
To guarantee accuracy, it is required that |VA - VD| ≤ 100mV and separate bypassed capacitors are used at each power supply pin.
(3)
With the test condition for VREF = +2.0V, the 12-bit LSB is 488µV.
(4)
Typical figures are at TA = TJ = 25°C, and represent most likely parametric norms.
(5)
Tested limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
(6)
Timing specifications are tested at the TTL logic levels, VIL = 0.4V for a falling edge and VIH = 2.4V for a rising edge. TRI-STATE output
voltage is forced to 1.4V.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC12081


Similar Part No. - ADC12081

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12081 NSC-ADC12081 Datasheet
352Kb / 16P
   12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
ADC12081 NSC-ADC12081 Datasheet
300Kb / 17P
   12-Bit, 5MHz Self-Calibrating, Pipelined A/D Converter with Internal Samble & Hold
ADC12081CIVT NSC-ADC12081CIVT Datasheet
352Kb / 16P
   12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
ADC12081CIVT NSC-ADC12081CIVT Datasheet
300Kb / 17P
   12-Bit, 5MHz Self-Calibrating, Pipelined A/D Converter with Internal Samble & Hold
ADC12081 NSC-ADC12081_02 Datasheet
300Kb / 17P
   12-Bit, 5MHz Self-Calibrating, Pipelined A/D Converter with Internal Samble & Hold
More results

Similar Description - ADC12081

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12181 NSC-ADC12181 Datasheet
322Kb / 17P
   12-Bit, 10 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
ADC12191 NSC-ADC12191 Datasheet
278Kb / 16P
   12-Bit, 10 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
ADC12081 NSC-ADC12081_02 Datasheet
300Kb / 17P
   12-Bit, 5MHz Self-Calibrating, Pipelined A/D Converter with Internal Samble & Hold
ADC12081 NSC-ADC12081 Datasheet
352Kb / 16P
   12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
   Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC1241 NSC-ADC1241 Datasheet
268Kb / 14P
   Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
ADC12451 NSC-ADC12451 Datasheet
311Kb / 18P
   Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC12441 NSC-ADC12441 Datasheet
274Kb / 14P
   Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
logo
List of Unclassifed Man...
ADC-HS12 ETC-ADC-HS12 Datasheet
251Kb / 4P
   12 BIT A/D CONVERTER WITH SAMPLE HOLD
logo
National Semiconductor ...
ADC12L066 NSC-ADC12L066 Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com