Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC32RF45 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF45
Description  Analog-to-Digital Converter
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF45 Datasheet(HTML) 82 Page - Texas Instruments

Back Button ADC32RF45 Datasheet HTML 78Page - Texas Instruments ADC32RF45 Datasheet HTML 79Page - Texas Instruments ADC32RF45 Datasheet HTML 80Page - Texas Instruments ADC32RF45 Datasheet HTML 81Page - Texas Instruments ADC32RF45 Datasheet HTML 82Page - Texas Instruments ADC32RF45 Datasheet HTML 83Page - Texas Instruments ADC32RF45 Datasheet HTML 84Page - Texas Instruments ADC32RF45 Datasheet HTML 85Page - Texas Instruments ADC32RF45 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 108 page
background image
82
ADC32RF45
SBAS747B – MAY 2016 – REVISED JULY 2016
www.ti.com
Product Folder Links: ADC32RF45
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.5.8.22 Register 037h (address = 037h), Decimation Filter Page
Figure 125. Register 037h
7
6
5
4
3
2
1
0
0
0
0
0
TEST PATTERN SEL
W-0h
W-0h
W-0h
W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 81. Register 037h Field Descriptions
Bit
Field
Type
Reset
Description
7-3
0
W
0h
Must write 0
3-0
TEST PATTERN SEL
R/W
0h
These bits select the test pattern output on the channel.
0000 = Normal operation using ADC output data
0001 = Outputs all 0s
0010 = Outputs all 1s
0011 = Outputs toggle pattern: output data are an alternating
sequence of 10101010101010 and 01010101010101
0100 = Output digital ramp: output data increment by one LSB
every clock cycle from code 0 to 16384
0110 = Single pattern: output data are custom pattern 1 (75h
and 76h)
0111 = Double pattern: output data alternate between custom
pattern 1 and custom pattern 2
1000 = Deskew pattern: output data are AAAAh
1001 = SYNC pattern: output data are FFFFh
8.5.8.23 Register 03Ah (address = 03Ah), Decimation Filter Page
Figure 126. Register 03Ah
7
6
5
4
3
2
1
0
0
0
0
0
0
0
TEST PAT RES
TP RES EN
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 82. Register 03Ah Field Descriptions
Bit
Field
Type
Reset
Description
7-2
0
W
0h
Must write 0
1
TEST PAT RES
R/W
0h
Pulsing this bit resets the test pattern. The test pattern reset
must be enabled first (bit D0).
0 = Normal operation
1 = Reset the test pattern
0
TP RES EN
R/W
0h
This bit enables the test pattern reset.
0 = Reset disabled
1 = Reset enabled


Similar Part No. - ADC32RF45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC32RF42 TI1-ADC32RF42 Datasheet
5Mb / 127P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.5-GSPS, Analog-to-Digital Converter
ADC32RF42IRMP TI1-ADC32RF42IRMP Datasheet
5Mb / 127P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.5-GSPS, Analog-to-Digital Converter
ADC32RF42IRMPT TI1-ADC32RF42IRMPT Datasheet
5Mb / 127P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.5-GSPS, Analog-to-Digital Converter
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
More results

Similar Description - ADC32RF45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com