Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC16DX370RMET Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # ADC16DX370RMET
Description  ADC16DX370 Dual 16-Bit 370 MSPS ADC
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC16DX370RMET Datasheet(HTML) 55 Page - Texas Instruments

Back Button ADC16DX370RMET Datasheet HTML 51Page - Texas Instruments ADC16DX370RMET Datasheet HTML 52Page - Texas Instruments ADC16DX370RMET Datasheet HTML 53Page - Texas Instruments ADC16DX370RMET Datasheet HTML 54Page - Texas Instruments ADC16DX370RMET Datasheet HTML 55Page - Texas Instruments ADC16DX370RMET Datasheet HTML 56Page - Texas Instruments ADC16DX370RMET Datasheet HTML 57Page - Texas Instruments ADC16DX370RMET Datasheet HTML 58Page - Texas Instruments ADC16DX370RMET Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 77 page
background image
ADC16DX370
www.ti.com
SNVSA18C – APRIL 2014 – REVISED AUGUST 2014
TI recommends gapped-periodic or one-shot signals for most applications because the SYSREF signal is not
active during normal sampling operation. Periodic signals that toggle constantly introduce spurs into the signal
spectrum that degrade the sensitivity of the system.
9.1.2.5 SYSREF Timing
The SYSREF timing requirements depend on whether deterministic latency of the JESD204B link is required.
If deterministic latency is required, then the SYSREF signal must meet setup and hold requirements relative to
the CLKIN signal. In the case that the internal CLKIN divider is used and a very high-speed signal is provided to
the CLKIN input, the SYSREF signal must meet setup and hold requirements relative to the very high-speed
signal at the CLKIN input.
If deterministic latency is not required, then the SYSREF signal may be supplied as an asynchronous signal
(possibly achieving < ± 2 frame clock cycles latency variation) or not provided at all (resulting in latency variation
as large as the multi-frame period).
9.1.2.6 Effectively Using the SYSREF Offset and Detection Gate Features
Selecting the proper settings for the SYSREF offset feature depends on the condition of SYSREF in the idle
state and the type of SYSREF signal being transmitted. Table 29 describes the possible SYSREF idle cases and
the corresponding SYSREF offset to apply.
TI recommends the use of the SYSREF detection gate for most applications. The gate is enabled when SYSREF
is being transmitted and the gate is disabled before the SYSREF transmitter is put in the idle state. Although the
SYSREF offset feature does not support situations where the SYSREF transmitter is in a 0 V or Hi-Z common-
mode condition during the idle state, the SYSREF gate can be used to ignore the SYSREF input during those
conditions. In those cases, time is required to dissipate the voltage build-up on the AC coupling capacitors when
the SYSREF returns to an active state.
Enabling the SYSREF gate immediately sends a logic signal to a logic block responsible for aligning the internal
frame clock and LMFC. If the signal at the SYSREF input is logic high when the gate is enabled, then a "false"
rising edge event causes a re-alignment of the internal clocks, despite the fact that the event is not an actual
SYSREF rising edge. The SYSREF rising edge following the gate enable then causes a subsequent re-alignment
with the desired alignment.
TI highly recommends the SYSREF clocking schemes described in Table 30.
Table 29. SYSREF Offset Feature Usage Cases
SYSREF
SYSREF Idle
SYSREF Idle Common-Mode (VIS) at the
SYSREF
Signal Type
VOD at TX
Transmitter
Offset Feature Setting
Periodic
N/A
N/A
0 mV
= 0
VIS same during idle and non-idle states
0 mV
Gapped-periodic or
> 0 (logic high)
VIS same during idle and non-idle states
400 mV
One-shot
< 0 (logic low)
VIS same during idle and non-idle states
–400 mV
0
0
SYSREF offset feature does not
Any
support these cases
Hi-Z
Hi-Z
Table 30. Recommended SYSREF Clocking Schemes
SYSREF at TX During Idle
SYSREF Rx Offset
Coupling
SYSREF Type
SYSREF Detection Gate
State
Setting
One-shot or gapped-
VOD logic low, VIS does not
Disabled during SYSREF idle,
AC Coupled
–400 mV at all times
periodic(1)
change during idle
enabled during LMFC alignment
VOD either logic state, VIS
Disabled during SYSREF idle,
DC Coupled
One-shot or gapped-periodic
0 mV at all times
does not change during idle
enabled during LMFC alignment
(1)
A gapped-periodic signal used in this recommended clocking scheme must have a pulse train duration of less than the RC time constant
where R = 50
Ω and C is the value of the AC coupling capacitor. Using a 0.1-µF capacitor, the pulse train should be less than 5 µs.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Links: ADC16DX370


Similar Part No. - ADC16DX370RMET

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC16DV160 NSC-ADC16DV160 Datasheet
710Kb / 26P
   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
logo
Texas Instruments
ADC16DV160 TI1-ADC16DV160 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
ADC16DV160 TI1-ADC16DV160 Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
logo
National Semiconductor ...
ADC16DV160CILQ NSC-ADC16DV160CILQ Datasheet
710Kb / 26P
   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
logo
Texas Instruments
ADC16DV160CILQ/NOPB TI1-ADC16DV160CILQ/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
More results

Similar Description - ADC16DX370RMET

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD7671 AD-AD7671_15 Datasheet
675Kb / 24P
   16-Bit, 1 MSPS CMOS ADC
REV. C
AD7623 AD-AD7623 Datasheet
444Kb / 29P
   16-Bit, 1.33 MSPS PulSAR ADC
AD9446 AD-AD9446_17 Datasheet
707Kb / 37P
   16-Bit, 80/100 MSPS ADC
AD7671ASTZ AD-AD7671ASTZ Datasheet
675Kb / 24P
   16-Bit, 1 MSPS CMOS ADC
REV. C
AD9446-80LVDS AD-AD9446-80LVDS Datasheet
959Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
AD7671 AD-AD7671 Datasheet
590Kb / 25P
   16-Bit, 1 MSPS CMOS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com