Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC16DX370RMET Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # ADC16DX370RMET
Description  ADC16DX370 Dual 16-Bit 370 MSPS ADC
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC16DX370RMET Datasheet(HTML) 47 Page - Texas Instruments

Back Button ADC16DX370RMET Datasheet HTML 43Page - Texas Instruments ADC16DX370RMET Datasheet HTML 44Page - Texas Instruments ADC16DX370RMET Datasheet HTML 45Page - Texas Instruments ADC16DX370RMET Datasheet HTML 46Page - Texas Instruments ADC16DX370RMET Datasheet HTML 47Page - Texas Instruments ADC16DX370RMET Datasheet HTML 48Page - Texas Instruments ADC16DX370RMET Datasheet HTML 49Page - Texas Instruments ADC16DX370RMET Datasheet HTML 50Page - Texas Instruments ADC16DX370RMET Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
-10
-8
-6
-4
-2
0
2
4
6
8
10
10
100
1000
Frequency [MHz]
No series resistance
10 ohm series resistance
C001
ADC16DX370
www.ti.com
SNVSA18C – APRIL 2014 – REVISED AUGUST 2014
Figure 39. Measured Differential Impedance of Analog Input Network on a Smith Chart (100
Ω)
9.1.1.3 Input Bandwidth
The input bandwidth of the ADC16DX370 device is defined here as the frequency at which the fundamental
amplitude of the sampled data deviates by 3 dB, compared to the amplitude at low frequencies, for a low-
impedance input sinusoidal signal with constant voltage amplitude at the VIN+ and VIN– input pins. The voltage
frequency response is shown in Figure 40.
The peaking in the frequency response is caused by the resonance between the package bond wires and input
capacitance as well as a parasitic 0.5-nH series trace inductance leading to the device pins. This peaking is
typically made insignificant by the stop-band of an anti-aliasing filter that precedes the ADC input. For broadband
applications, 10-
Ω resistors may be put in series with the VIN+ and VIN– input pins. This extra resistance flattens
out the frequency response at the cost of adding some attenuation in the signal path. The additional series
resistance also accordingly modifies the measured SDD11 looking into the analog input.
Figure 40. Measured Input Voltage Frequency Response
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: ADC16DX370


Similar Part No. - ADC16DX370RMET

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC16DV160 NSC-ADC16DV160 Datasheet
710Kb / 26P
   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
logo
Texas Instruments
ADC16DV160 TI1-ADC16DV160 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
ADC16DV160 TI1-ADC16DV160 Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
logo
National Semiconductor ...
ADC16DV160CILQ NSC-ADC16DV160CILQ Datasheet
710Kb / 26P
   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
logo
Texas Instruments
ADC16DV160CILQ/NOPB TI1-ADC16DV160CILQ/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
More results

Similar Description - ADC16DX370RMET

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD7671 AD-AD7671_15 Datasheet
675Kb / 24P
   16-Bit, 1 MSPS CMOS ADC
REV. C
AD7623 AD-AD7623 Datasheet
444Kb / 29P
   16-Bit, 1.33 MSPS PulSAR ADC
AD9446 AD-AD9446_17 Datasheet
707Kb / 37P
   16-Bit, 80/100 MSPS ADC
AD7671ASTZ AD-AD7671ASTZ Datasheet
675Kb / 24P
   16-Bit, 1 MSPS CMOS ADC
REV. C
AD9446-80LVDS AD-AD9446-80LVDS Datasheet
959Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
AD7671 AD-AD7671 Datasheet
590Kb / 25P
   16-Bit, 1 MSPS CMOS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com