Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC16DX370RMET Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # ADC16DX370RMET
Description  ADC16DX370 Dual 16-Bit 370 MSPS ADC
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC16DX370RMET Datasheet(HTML) 46 Page - Texas Instruments

Back Button ADC16DX370RMET Datasheet HTML 42Page - Texas Instruments ADC16DX370RMET Datasheet HTML 43Page - Texas Instruments ADC16DX370RMET Datasheet HTML 44Page - Texas Instruments ADC16DX370RMET Datasheet HTML 45Page - Texas Instruments ADC16DX370RMET Datasheet HTML 46Page - Texas Instruments ADC16DX370RMET Datasheet HTML 47Page - Texas Instruments ADC16DX370RMET Datasheet HTML 48Page - Texas Instruments ADC16DX370RMET Datasheet HTML 49Page - Texas Instruments ADC16DX370RMET Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
100 :
2 pF
0.35 nH
VIN+
VIN-
3.3 pF
3.3 pF
0.35 nH
1.2 pF
50 :
50 :
100 :
VCM
ADC16DX370
SNVSA18C – APRIL 2014 – REVISED AUGUST 2014
www.ti.com
9.1.1.2 Analog Input Network Model
Matching the impedance of the driving circuit to the input impedance of the ADC can be important for low
distortion performance and a flat gain response through the network across frequency. In very broadband
applications or lowpass applications, the ADC driving network must have very low impedance with a small
termination resistor at the ADC input to maximize the bandwidth and minimize the bandwidth limitation posed by
the capacitive load of the ADC input. In bandpass applications, a designer may either design the anti-aliasing
filter to match to the complex impedance of the ADC input at the desired intermediate frequency, or consider the
resistive part of the ADC input to be part of the resistive termination of the filter and the capacitive part of the
ADC input to be part of the filter itself. The capacitive load of the ADC input can be easily absorbed into most LC
bandpass filter designs with a final shunt LC tank stage.
The analog input circuit of the ADC16DX370 device is a buffered input with an internal differential termination.
Compared to an ADC with a switched-capacitor input sampling network that has an input impedance that varies
with time, the ADC16DX370 device provides a constant input impedance that simplifies the interface design
joining the ADC and ADC driver. A simplified passive model of the ADC input network is shown in Figure 38 that
includes the termination resistance, input capacitance, parasitic bond-wire inductance, and routing parastics.
Figure 38. Simplified Analog Input Network Circuit Model
A more accurate load model is described by the measured differential SDD11 (100-
Ω) parameter model. A plot of
the differential impedance derived from the model is shown on the Smith chart of Figure 39. The model includes
the internal 200-
Ω resistive termination, the capacitive loading of the input buffer, and stray parasitic impedances
like bond wire inductance and signal routing coupling. The S11_diff model may be used to back-calculate the
impedance of the ADC input at a frequency of interest.
46
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: ADC16DX370


Similar Part No. - ADC16DX370RMET

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC16DV160 NSC-ADC16DV160 Datasheet
710Kb / 26P
   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
logo
Texas Instruments
ADC16DV160 TI1-ADC16DV160 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
ADC16DV160 TI1-ADC16DV160 Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
logo
National Semiconductor ...
ADC16DV160CILQ NSC-ADC16DV160CILQ Datasheet
710Kb / 26P
   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
logo
Texas Instruments
ADC16DV160CILQ/NOPB TI1-ADC16DV160CILQ/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
More results

Similar Description - ADC16DX370RMET

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD7671 AD-AD7671_15 Datasheet
675Kb / 24P
   16-Bit, 1 MSPS CMOS ADC
REV. C
AD7623 AD-AD7623 Datasheet
444Kb / 29P
   16-Bit, 1.33 MSPS PulSAR ADC
AD9446 AD-AD9446_17 Datasheet
707Kb / 37P
   16-Bit, 80/100 MSPS ADC
AD7671ASTZ AD-AD7671ASTZ Datasheet
675Kb / 24P
   16-Bit, 1 MSPS CMOS ADC
REV. C
AD9446-80LVDS AD-AD9446-80LVDS Datasheet
959Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
AD7671 AD-AD7671 Datasheet
590Kb / 25P
   16-Bit, 1 MSPS CMOS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com