Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC16DX370RMET Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # ADC16DX370RMET
Description  ADC16DX370 Dual 16-Bit 370 MSPS ADC
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC16DX370RMET Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADC16DX370RMET Datasheet HTML 30Page - Texas Instruments ADC16DX370RMET Datasheet HTML 31Page - Texas Instruments ADC16DX370RMET Datasheet HTML 32Page - Texas Instruments ADC16DX370RMET Datasheet HTML 33Page - Texas Instruments ADC16DX370RMET Datasheet HTML 34Page - Texas Instruments ADC16DX370RMET Datasheet HTML 35Page - Texas Instruments ADC16DX370RMET Datasheet HTML 36Page - Texas Instruments ADC16DX370RMET Datasheet HTML 37Page - Texas Instruments ADC16DX370RMET Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
ADC16DX370
SNVSA18C – APRIL 2014 – REVISED AUGUST 2014
www.ti.com
The flowchart in Figure 35 describes how the ADC16DX370 device initializes the JESD204B link and reacts to
changes in the link. After the ADC core calibration is finished, the ADC16DX370 device begins with PLL
calibration and link initialization using a default frame clock and LMFC alignment by sending K28.5 characters.
PLL calibration requires approximately 153×103 sampling clock cycles. If SYNCb is not asserted, then the device
immediately advances to the ILA sequence at the next LMFC boundary. Whereas, if SYNCb is asserted, then the
device continues to output K28.5 characters until SYNCb is de-asserted.
When a SYSREF rising edge event is detected, then the ADC16DX370 device compares the SYSREF event to
the current alignment of the LMFC. If the SYSREF event is aligned to the current LMFC alignment, then no
action is taken and the device continues to output data. If misalignment is detected, then the SYSREF event is
compared to the frame clock. If misalignment of the frame clock is also detected, then the clocks are re-aligned
and the link is reinitialized. If the frame clock is not misaligned, then the frame clock alignment is not updated. In
the cases that a SYSREF event causes a link re-initialization, the ADC16DX370 device begins sending K28.5
characters without a SYNCb assertion and immediately transitions to the ILA sequence on the next LMFC
boundary unless the SYNCb signal is asserted. Anytime the frame clock and LMFC are re-aligned, the serializer
PLL must calibrate before code group synchronization begins. SYSREF events must not occur during
ADC16DX370 device power-up, ADC calibration, or PLL calibration. The JESD_STATUS register is available to
check the status of the ADC16DX370 device and the JESD204B link.
If a SYNCb assertion is detected for at least 4 frame clock cycles, the ADC16DX370 device immediately breaks
the link and sends K28.5 characters until the SYNCb signal is de-asserted.
When exiting sleep mode, the frame clock and LMFC are started with a default (unknown) phase alignment, PLL
calibration is performed, and the device immediately transitions into sending K28.5 characters.
8.3.14 SPI
The SPI allows access to the internal configuration registers of the ADC through read and write commands to a
specific address. The interface protocol has a 1-bit command, 15-bit address word and 8-bit data word as shown
in Figure 36. A read or write command is 24 bits in total, starting with the read or write command bit where 0
indicates a write command and 1 indicates a read command. The read or write command bit is clocked into the
device on the first rising edge of SCLK after CSb is asserted to 0. During a write command, the 15-bit address
and 8-bit data values follow the read or write bit MSB-first and are latched on the rising edge of SCLK. During a
read command, the SDO output is enabled shortly after the 16th rising edge of SCLK and outputs the read value
MSB first before the SDO output is returned to a high impedance state. The read or write command is completed
on the SCLK rising edge on which the data word’s LSB is latched. CSb may be de-asserted to 1 after the LSB is
latched into the device.
The SPI allows command streaming where multiple commands are made without de-asserting CSb in-between
commands. The commands in the stream must be of similar types, either read or write. Each subsequent
command applies to the register address adjacent to the register accessed in the previous command. The
address order can be configured as either ascending or descending. Command streaming is accomplished by
immediately following a completed command with another set of 8 rising edges of SCLK without de-asserting
CSb. During a write command, an 8-bit data word is input on the SDI input for each subsequent set of SCLK
edges. During a read command, data is output from SDO for each subsequent set of SCLK edges. Each
subsequent command is considered finished after the 8th rising edge of SCLK. De-asserting CSb aborts an
incomplete command.
The SDO output is high impedance at all times other than during the final portion of a read command. During the
time that the SDO output is active, the logic level is determined by a configuration register. The SPI output logic
level must be properly configured after power up and before making a read command to prevent damaging the
receiving device or any other device connected to the SPI bus. Until the SPI_CFG register is properly configured,
voltages on the SDO output may be as high as the VA3.0 supply during a read command. The SDI, SCLK, and
CSB pins are all 1.2-V to 3.0-V compatible.
34
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: ADC16DX370


Similar Part No. - ADC16DX370RMET

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC16DV160 NSC-ADC16DV160 Datasheet
710Kb / 26P
   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
logo
Texas Instruments
ADC16DV160 TI1-ADC16DV160 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
ADC16DV160 TI1-ADC16DV160 Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
logo
National Semiconductor ...
ADC16DV160CILQ NSC-ADC16DV160CILQ Datasheet
710Kb / 26P
   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
logo
Texas Instruments
ADC16DV160CILQ/NOPB TI1-ADC16DV160CILQ/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
More results

Similar Description - ADC16DX370RMET

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD7671 AD-AD7671_15 Datasheet
675Kb / 24P
   16-Bit, 1 MSPS CMOS ADC
REV. C
AD7623 AD-AD7623 Datasheet
444Kb / 29P
   16-Bit, 1.33 MSPS PulSAR ADC
AD9446 AD-AD9446_17 Datasheet
707Kb / 37P
   16-Bit, 80/100 MSPS ADC
AD7671ASTZ AD-AD7671ASTZ Datasheet
675Kb / 24P
   16-Bit, 1 MSPS CMOS ADC
REV. C
AD9446-80LVDS AD-AD9446-80LVDS Datasheet
959Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
AD7671 AD-AD7671 Datasheet
590Kb / 25P
   16-Bit, 1 MSPS CMOS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com