Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC16DX370RMER Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # ADC16DX370RMER
Description  ADC16DX370 Dual 16-Bit 370 MSPS ADC
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC16DX370RMER Datasheet(HTML) 56 Page - Texas Instruments

Back Button ADC16DX370RMER Datasheet HTML 52Page - Texas Instruments ADC16DX370RMER Datasheet HTML 53Page - Texas Instruments ADC16DX370RMER Datasheet HTML 54Page - Texas Instruments ADC16DX370RMER Datasheet HTML 55Page - Texas Instruments ADC16DX370RMER Datasheet HTML 56Page - Texas Instruments ADC16DX370RMER Datasheet HTML 57Page - Texas Instruments ADC16DX370RMER Datasheet HTML 58Page - Texas Instruments ADC16DX370RMER Datasheet HTML 59Page - Texas Instruments ADC16DX370RMER Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 77 page
background image
0.01uF
100:-diff
Serial Lane
Transmitter
Serial Lane
Receiver
100:
PCB Channel
1k:
50:
50:
3pF
2k:
1k:
2k:
2.5V
34k:
34k:
100:-diff
SYNCb
Receiver
SYNCb
Transmitter
PCB Channel
ADC16DX370
SNVSA18C – APRIL 2014 – REVISED AUGUST 2014
www.ti.com
9.1.2.7 Driving the SYNCb Input
The SYNCb input is part of the JESD204B interface and is used to send synchronization requests from the serial
data receiver to the transmitter, the ADC16DX370 device. The SYNCb signal, quantified as the (SYNCb+ –
SYNCb–), is a differential active low signal. In the case of the ADC16DX370 device, a JESD204B subclass 1
device, a SYNCb assertion (logic low) indicates a request for synchronization by the receiver.
The SYNCb input is a differential receiver as shown in Figure 51. Resistors provide an internal 100-
Ω differential
termination as well as a voltage divider circuit that gives the SYNCb receiver a wide input common-mode range.
The SYNCb signal must be DC coupled from the driver to the SYNCb inputs; therefore, the wide common-mode
range allows the use of many different logic standards including LVDS and LVPECL. No additional external
components are needed for the SYNCb signal path as shown in the interface circuit of Figure 51, but providing
an electrical probing site is recommended for system debug.
Figure 51. SYNCb Input Receiver and Interface
The SYNCb input is an asynchronous input and does not have sub-clock-cycle setup and hold requirements
relative to the CLKIN or any other input to the ADC16DX370 device. The SYNCb input also does not have setup
and hold requirements relative to the frame and LMFC system clocks unless the delay through the JESD204B
link is longer than a multi-frame. A design that has link delay greater than a multi-frame does not strictly follow
the standard rules for achieving deterministic latency, but may be required in many applications and may still
achieve deterministic latency. In this case, it is important to de-assert SYNCb within the window of the desired
multi-frame period.
9.1.3 Output Serial Interface Considerations
9.1.3.1 Output Serial-Lane Interface
The output high speed serial lanes must be AC coupled to the receiving device with 0.01-µF capacitors as shown
in Figure 52. DC coupling to the receiving device is not supported. The lane channel on the PCB must be a 100-
Ω differential transmission line with dominant coupling between the differential traces instead of to adjacent
layers. The lane must terminate at a 100-
Ω termination inside the receiving device. Avoid changing the direction
of the channel traces abruptly at angles larger than 45°.
Figure 52. High-Speed Serial-Lane Interface
The recommended spacing between serial lanes is 3× the differential line spacing or greater. High speed serial
lanes should be routed on top of or below adjacent, quiet ground planes to provide shielding. TI recommends
that other high speed signal traces do not cross the serial lanes on adjacent PCB layers. If absolutely necessary,
crossing should occur at a 90° angle with the trajectory of the serial lane to minimize coupling.
56
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: ADC16DX370


Similar Part No. - ADC16DX370RMER

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC16DV160 NSC-ADC16DV160 Datasheet
710Kb / 26P
   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
logo
Texas Instruments
ADC16DV160 TI1-ADC16DV160 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
ADC16DV160 TI1-ADC16DV160 Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
logo
National Semiconductor ...
ADC16DV160CILQ NSC-ADC16DV160CILQ Datasheet
710Kb / 26P
   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
logo
Texas Instruments
ADC16DV160CILQ/NOPB TI1-ADC16DV160CILQ/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
More results

Similar Description - ADC16DX370RMER

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD7671 AD-AD7671_15 Datasheet
675Kb / 24P
   16-Bit, 1 MSPS CMOS ADC
REV. C
AD7623 AD-AD7623 Datasheet
444Kb / 29P
   16-Bit, 1.33 MSPS PulSAR ADC
AD9446 AD-AD9446_17 Datasheet
707Kb / 37P
   16-Bit, 80/100 MSPS ADC
AD7671ASTZ AD-AD7671ASTZ Datasheet
675Kb / 24P
   16-Bit, 1 MSPS CMOS ADC
REV. C
AD9446-80LVDS AD-AD9446-80LVDS Datasheet
959Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
AD7671 AD-AD7671 Datasheet
590Kb / 25P
   16-Bit, 1 MSPS CMOS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com